Electronic Components Datasheet Search
  English  ▼

X  

SFH331 Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part # SFH331
Description  SMT Multi TOPLED
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SFH331 Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  SFH331 Datasheet HTML 1Page - Siemens Semiconductor Group SFH331 Datasheet HTML 2Page - Siemens Semiconductor Group SFH331 Datasheet HTML 3Page - Siemens Semiconductor Group SFH331 Datasheet HTML 4Page - Siemens Semiconductor Group SFH331 Datasheet HTML 5Page - Siemens Semiconductor Group SFH331 Datasheet HTML 6Page - Siemens Semiconductor Group SFH331 Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Semiconductor Group
4
1997-11-01
SFH 331
Kennwerte Fototransistor (TA = 25
oC,
λ = 950 nm)
Characteristics Phototransistor
Bezeichnung
Description
Symbol
Symbol
Wert
Value
Einheit
Unit
Wellenlänge der max. Fotoempfindlichkeit
Wavelength of max. sensitivity
λ
S max
860
nm
Spektraler Bereich der Fotoempfindlichkeit
S = 10% von Smax
Spectral range of sensitivity
S = 10% of Smax
λ
380 ... 1150
nm
Bestrahlungsempfindliche Fläche
(∅ 240 µm)
Radiant sensitive area
(∅ 240 µm)
A
0.045
mm2
Abmessung der Chipfläche
Dimensions of chip area
L
× B
0.45
× 0.45
mm
× mm
Abstand Chipoberfläche zu Gehäuseober-
fläche
Distance chip front to case surface
H
0.5 ... 0.7
mm
Halbwinkel
Half angle
ϕ± 60
Grad
degr.
Kapazität
Capacitance
VCE = 0 V, f = 1 MHz, E = 0
CCE
5.0
pF
Dunkelstrom
Dark current
VCE = 25 V, E = 0
ICEO
1 (
≤ 200)
nA
Fotostrom
Photocurrent
Ee = 0.1 mW/cm
2, V
CE = 5 V
IPCE
≥ 16
µA
Anstiegszeit/Abfallzeit
Rise time/Fall time
IC = 1 mA, VCC = 5 V, RL = 1 kΩ
tr, tf
7
µs
Kollektor-Emitter-Sättigungsspannung
Collector-emitter saturation voltage
IC = 5 µA, Ee = 0.1 mW/cm
2
VCEsat
150
mV



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com