Electronic Components Datasheet Search
  English  ▼

X  

DM9161CIEP Datasheet(PDF) 32 Page - Davicom Semiconductor, Inc.

Part # DM9161CIEP
Description  Industrial-Temperature 10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9161CIEP Datasheet(HTML) 32 Page - Davicom Semiconductor, Inc.

Back Button DM9161CIEP Datasheet HTML 28Page - Davicom Semiconductor, Inc. DM9161CIEP Datasheet HTML 29Page - Davicom Semiconductor, Inc. DM9161CIEP Datasheet HTML 30Page - Davicom Semiconductor, Inc. DM9161CIEP Datasheet HTML 31Page - Davicom Semiconductor, Inc. DM9161CIEP Datasheet HTML 32Page - Davicom Semiconductor, Inc. DM9161CIEP Datasheet HTML 33Page - Davicom Semiconductor, Inc. DM9161CIEP Datasheet HTML 34Page - Davicom Semiconductor, Inc. DM9161CIEP Datasheet HTML 35Page - Davicom Semiconductor, Inc. DM9161CIEP Datasheet HTML 36Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 47 page
background image
DM9161CI
10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
34
Final
Version: DM9161CI-DS-F01
February 22, 2012
8.10 10BASE-T Configuration/Status (10BTCSR) - 18
Bit
Bit Name
Default
Description
18.15
Reserved
0, RO
Reserved
Read as 0, ignore on write
18.14
LP_EN
1, RW
Link Pulse Enable
1 = Transmission of link pulses enabled
0 = Link pulses disabled, good link condition forced
This bit is valid only in 10Mbps operation
18.13
HBE
1,RW
Heartbeat Enable
1 = Heartbeat function enabled
0 = Heartbeat function disabled
When the DM9161CI is configured for full duplex operation, this bit will
be ignored (the collision/heartbeat function is invalid in full duplex
mode)
18.12
SQUELCH
1, RW
Squelch Enable
1 = Normal squelch
0 = Low squelch
18.11
JABEN
1, RW
Jabber Enable
Enables or disables the Jabber function when the DM9161CI is in
10BASE-T full duplex or 10BASE-T transceiver Loopback mode
1 = Jabber function enabled
0 = Jabber function disabled
18.10
10BT_SER
(#PIN
34),RW
10BASE-T GPSI Mode ( Default value depend on #pin34 strap
condition)
1 = 10BASE-T GPSI mode selected (#pin34 pull down)
0 = 10BASE-T MII mode selected (#pin34 pull up, default)
GPSI mode is not supported for 100Mbps operation
18.9-18.1
Reserved
0, RO
Reserved
Read as 0, ignore on write
18.0
POLR
0, RO
Polarity Reversed
When this bit is set to 1, it indicates that the 10Mbps cable polarity is
reversed. This bit is automatically set and cleared by 10BASE-T
module
8.11 Power
down Control Register (PWDOR) - 19
Bit
Bit Name
Default
Description
19.15-19.9
Reserved
0, RO
Reserved
Read as 0, ignore on write
19.8
PD10DRV
0, RW
Vendor power down control test
19.7
PD100DL
0, RW
Vendor power down control test
19.6
PDchip
0, RW
Vendor power down control test
19.5
PDcom
0, RW
Vendor power down control test
19.4
PDaeq
0, RW
Vendor power down control test
19.3
PDdrv
0, RW
Vendor power down control test
19.2
PDedi
0, RW
Vendor power down control test
19.1
PDedo
0, RW
Vendor power down control test
19.0
PD10
0, RW
Vendor power down control test
*
When selected, the power down value is control by Register 20.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com