Electronic Components Datasheet Search
  English  ▼

X  

DM9332EP Datasheet(PDF) 45 Page - Davicom Semiconductor, Inc.

Part # DM9332EP
Description  10/100Mbps Ethernet Fiber/Twisted Pair Single Chip Media Converter
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9332EP Datasheet(HTML) 45 Page - Davicom Semiconductor, Inc.

Back Button DM9332EP Datasheet HTML 41Page - Davicom Semiconductor, Inc. DM9332EP Datasheet HTML 42Page - Davicom Semiconductor, Inc. DM9332EP Datasheet HTML 43Page - Davicom Semiconductor, Inc. DM9332EP Datasheet HTML 44Page - Davicom Semiconductor, Inc. DM9332EP Datasheet HTML 45Page - Davicom Semiconductor, Inc. DM9332EP Datasheet HTML 46Page - Davicom Semiconductor, Inc. DM9332EP Datasheet HTML 47Page - Davicom Semiconductor, Inc. DM9332EP Datasheet HTML 48Page - Davicom Semiconductor, Inc. DM9332EP Datasheet HTML 49Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 61 page
background image
DM9332
10/100Mbps Ethernet Fiber/Twisted Pair Single Chip Media Converter
Preliminary datasheet
45
DM9332-15-DS-P01
March 5, 2012
9.2.9 Partition Mode
The DM9332 provides a partition mode for each
port, see bit 6 of register 61h. The port enters
partition mode when more than 64 consecutive
collisions are occurred. In partition mode the port
continuous to transmit but it will not receive. The port
returned to normal operation mode when a good
packet is seen on the wire. The detail description of
partition mode represent following:
(1). Entering Partition State
A port will enter the Partition State when either of
the following conditions occurs:
The port detects a collision on every one of 64
consecutive re-transmit attempts to the same packet.
The port detects a single collision which occurs
for more than 512 bit times.
Transmit defer timer time out, which indicates
the transmitting packet is deferred to long.
(2). While in Partition state:
The port will continue to transmit its pending
packet, regardless of the collision detection, and will
not allow the usual Back-off Algorithm. Additional
packets pending for transmission will be transmitted,
while ignoring the internal collision indication. This
frees up the ports transmit buffers which would
otherwise be filled up at the expense of other ports
buffers.
The assumption is that the partition is
signifying
a
system
failure
situation
(bad
connection/cable/station), thus dropping packets is a
small price to pay vs. the cost of halting the switch
due to a buffer full condition.
(3). Exiting from Partition State
The Port exits from Partition State, following the
end of a successful packet transmission.
A
successful packet transmission is defined as no
collisions were detected on the first 512 bits of the
transmission.
9.2.10 Broadcast Storm Filtering
The DM9332 has an option to limit the traffic of
broadcast or multicast packets, to protect the switch
from lower bandwidth availability.
There are two types of broadcast storm control,
one is throttling broadcast packet only, the other
includes multicast. This feature can be set through bit
1 of register 61h.
The
broadcast
storm
threshold
can
be
programmed by EEPROM or register 67h, the default
setting is no broadcast storm protecting.
9.2.11 Bandwidth Control
The DM9332 supports two types of bandwidth
control for each port. One is the ingress and egress
bandwidth rate can be controlled separately, the
other is combined together, this function can be set
through bit 3 of register 61h. The bandwidth control is
disabled by default.
To separate bandwidth control mode, the
threshold rate is defined in register 66h. For
combined mode, it is defined in register 67h.
The behavior of bandwidth control as below:
(1).For the ingress control, if flow control function
is enabled, Pause or Jam packet will be transmitted.
The ingress packets will be dropped if flow control is
disabled.
(2).For the egress control, the egress port will not
transmit any packets. On the other hand, the ingress
bandwidth of source port will be throttled that prevent
packets from forwarding.
(3).In combined mode, if the sum of ingress and
egress bandwidth over threshold, the bandwidth will
be throttled.
9.2.12 Port Monitoring Support
The DM9332 supports “Port Monitoring” function
on per port base, detail as below:
(1). Sniffer Port and Monitor Port
There is only one port can be selected as “sniffer
port” by register 52h, multiple ports can be set as
“receive monitor port” or “transmit monitor port” in
per-port register 65h.
(2).Receive monitor
All packets received on the “receive monitor port”
are send a copy to “sniffer port”. For example, port 0
is set as “receive monitor port” and port 2 is selected
as a “sniffer port”. If a packet is received form port 0
and predestined to port 1 after forwarding decision,
the DM9332 will forward it to port 1 and port 2 in the
end.
(3).Transmit monitor
All packets transmitted on the “transmit monitor
port” are send a copy to “sniffer port”. For example,
port 1 is set as “transmit monitor port” and port 2 is
selected as “sniffer port”. If a packet is received from
port 0 and predestined to port 1 after forwarding
decision, the DM9332 will forward it to port 1 and port



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com