Electronic Components Datasheet Search
  English  ▼

X  

HBGC4P-EU Datasheet(PDF) 2 Page - Dialight Corporation

Part # HBGC4P-EU
Description  DuroSite짰 Series LED High Bay Luminaire - CE Approved
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

HBGC4P-EU Datasheet(HTML) 2 Page - Dialight Corporation

  HBGC4P-EU Datasheet HTML 1Page - Dialight Corporation HBGC4P-EU Datasheet HTML 2Page - Dialight Corporation HBGC4P-EU Datasheet HTML 3Page - Dialight Corporation HBGC4P-EU Datasheet HTML 4Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.dialight.com
Application:
Dialight offers a series of High Bay products with ACTIVE Dimming.
Dimming permits the user to select a specific light output and power con-
sumption to meet their requirements. The reduction in light output and
power consumption are approximately proportional. Reducing the light
output by 50% will reduce the power consumption by 50%. LEDs are par-
ticularly well suited for dimming as compared to other industrial light
sources.
Mechanical, Electrical and Photometric information is the same
as on page 1 except where detail is provided
Variable Dimming Cable
1
: Dimming connections included in
factory installed 5 core cable. Multiple
high bays can be connected to the
same dimmer, consult dimming instruc-
tions and manufacturer
Variable Dimming
Control:
0-10 VDC active
Dimming Range
10 VDC = 100% light output
0 VDC = 15% light output
Features and Benefits
• 3 meter, 5 core PVC cable pre-installed
• Dimming cabling independent of fixture wiring
• Multiple High Bays can be connected to the same dimmer
• May also be configured to operate in a single STEP Dimming
configuration, please consult technical department
DuroSite® Series LED High Bay Fixture Options and Accessories
Variable Dimming Version: 0-10 VDC
STEP Dimming Mode
The variable dimming High Bays may also be configured to operate in a
single STEP Dimming configuration.
When the dimming control
conductors are connected together, the light output will be reduced to
approximately 15% of the maximum light output. The total fixture power
consumption will also be reduced to approximately 20% (30 W).
Connecting the leads together can be accomplished with a common
wall switch.
Order Codes:
Dimensions in mm [Inches]
174.75
[6.88]
(6) 1/4”-20 SELF TAPPING
SCREW HOLE
47.75 [1.88]
406.40
[16.00]
3.05m
[10’]
cord
406.40
[16.00]
18-5/16” X .75” THREADED (2)
76.20
[3.00]
49.53
[1.95]
Part Number
IP66
(Acrylic Lens)
IP66 to EN60529
2
(Polycarbonate Lens)
Lens
Optical Pattern
CCT
3
Initial
Fixture
Lumens
Lumens
Per Watt
4
Clear
Diffused
Circular
Aisle
HB2C4M-EUD
•
•
•
Cool White
10,000
71
HB7C4M-EUD
•
•
•
Cool White
9,750
70
HB1C4N-EUD
•
•
•
Cool White
11,500
82
HB6C4N-EUD
•
•
•
Cool White
11,500
82
HB0C4M-EUD
•
•
•
Cool White
10,000
71
HB4C4M-EUD
•
•
•
Cool White
10,750
77
HB5C4N-EUD
•
•
•
Cool White
10,750
77
HB3C4N-EUD
•
•
•
Cool White
10,750
77
1Part numbers in the above table include 3M PVC cable, for units including an attached junction box replace prefix HB with HBJ in the order
code, HB2C4M-EUD becomes HBJ2C4M-EUD. For mechanical drawing see page 4.
2Polycarbonate lens part numbers can be ordered with a factory installed dome lens. For dome lens option replace prefix HB with HBL in the
order code, HB2C4M-EUD becomes HBL2C4M-EUD For mechanical drawing see page 4.
3Part numbers in the above table are cool white models, for neutral white replace the 3rd character C with N in the order code,
HB2C4M-EUD becomes HB2N4M-EUD
4Lumens per Watt calutated based on 140W.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com