Electronic Components Datasheet Search
  English  ▼

X  

HB2C4M Datasheet(PDF) 6 Page - Dialight Corporation

Part # HB2C4M
Description  DuroSite짰 Series LED High Bay
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

HB2C4M Datasheet(HTML) 6 Page - Dialight Corporation

  HB2C4M Datasheet HTML 1Page - Dialight Corporation HB2C4M Datasheet HTML 2Page - Dialight Corporation HB2C4M Datasheet HTML 3Page - Dialight Corporation HB2C4M Datasheet HTML 4Page - Dialight Corporation HB2C4M Datasheet HTML 5Page - Dialight Corporation HB2C4M Datasheet HTML 6Page - Dialight Corporation HB2C4M Datasheet HTML 7Page - Dialight Corporation HB2C4M Datasheet HTML 8Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
DuroSite
® Series LED High Bay Fixture
Options and Accessories
www.dialight.com
6
Part Number
Description
Kit Includes
No Part Number
Pendant Mount
(Conduit supplied by installer)
Conduit supplied by installer
HBXW2
Swivel Bracket and Cable Gland
Swivel Bracket
Bracket to fixture hardware
Cable Gland (1/2”)
Reducer (3/4” to 1/2”)
HBXW3
Swivel Bracket
Swivel Bracket
Bracket to Fixture Hardware
HBXCU
Ceiling Mount
Swivel Hanger Cover
3" Conduit Nipple
HBXCG
Cable Gland
Cable Gland (1/2”)
Reducer (3/4” to 1/2”)
HBXL
Loop
Hanger Loop
(GE LOOPM353)
HBXH
Hook
Hanger Hook
(GE HOOKM353)
HBXT2
Junction Box with Transformer
347-480VAC to 240VAC
NEMA Box with
Integrated Transformer
HBXLENGC
Tempered Glass
Lens, replacement clips, screws, gasket
HBXLENAC
Acrylic Lens, Clear
Lens, replacement screws, gasket
HBXLENAD
Acrylic Lens, Diffused
HBXLENPC
Polycarbonate Lens, Clear
Lens, replacement screws, gasket
HBXLENPD
Polycarbonate Lens, Diffused
LBXLENP
Dome Lens
(Use only on Polycarbonate lens models)
Lens, replacement screws, gasket
HBXREF22
22” Acrylic Reflector
(Must be ordered with High Bay,
not a retrofit option)
Reflector, brackets, screws
HBXDC
Dust Cover
Dust cover, clamp, spacer



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com