Electronic Components Datasheet Search
  English  ▼

X  

STW2C2N Datasheet(PDF) 1 Page - Dialight Corporation

Part # STW2C2N
Description  DuroSite짰 LED Area Light
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

STW2C2N Datasheet(HTML) 1 Page - Dialight Corporation

  STW2C2N Datasheet HTML 1Page - Dialight Corporation STW2C2N Datasheet HTML 2Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DuroSite
® LED Area Light
Mechanical Information
Fixture Weight:
10lb (4.5 kg)
Shipping Weight:
12lb (5.44 kg)
Mounting:
(1) Threaded 3/4” NPT rear
Cabling:
10' (3.5m) SOOW Power Cord
Electrical specifications
Operating Voltage
1:
100-277VAC, 50/60 Hz
Power Consumption:
43W / 55W / 70W
Operating Temp:
-40°F to +149°F (-40°C to +65°C)
Noise Requirements/
EMC:
FCC Title 47, Subpart B, Section 15, class A
device. RF Immunity; 10V/m, 80MHz-1GHz
Surge Protection:
1 kV line to line
2 kV line to ground
THD:
<15%
Power Factor:
> 0.9
Construction
Housing:
Powder coated aluminum
Finish:
Polyester / epoxy powder coat gray RAL
7040 for superior corrosion resistance
Lens:
Polycarbonate - UL1598A wet location
Photometric Information
CRI:
> 70
CCT:
5,700K (cool white)
4,300K (neutral white)
Optics:
180° forward throw
360° circular pattern
IES Files:
Available upon request
All values typical unless otherwise state
Certifications
• Certified to UL 1598/A
• Certified to C22.2
• Nema 4X (pending)
• IP66 (pending)
Features & Benefits
• 5 year full performance warranty
• Instant on/off operation
• Universal input (100-277 VAC), 50/60Hz
• Superior color rendition index compared to HPS, LPS, MV
• Mercury free
• Resistant to shock and vibration
• Temperature compensation technology for longer life
• L70 rated for >100,000 hours @ 25°C ambient
• Factory sealed
Application:
The DuroSite
®
LED area light represents the future of energy efficient facil-
ity illumination for industrial applications worldwide. The lighting fixture con-
sumes at least 50% less energy than traditional HID light sources, while
reducing maintenance and carbon emissions. This light incorporates both
cutting edge LED technology along with proprietary optics to achieve
area lighting comparable with other traditional light sources. Whether your
application is in a work area or any other application, this fixture offers
improved performance across the board.
www.dialight.com
Ordering Codes:
Part Number
Optical Pattern
1
Color
2
Initial Fixture Lumens
Wattage
Lumens Per Watt
Replaces Up To
STW2C2N
180
Cool White
3,500
43
81
70W HID
STW3C2N
360
Cool White
3,500
43
81
70W HID
STW4C2N
180
Cool White
4,500
55
82
175W HID
STW5C2N
360
Cool White
4,500
55
82
175W HID
STW8C2N
180
Cool White
5,800
70
83
250W HID
STW9C2N
360
Cool White
5,800
70
83
250W HID
10.6
[270]
9.7
[245]
6.0
[152]
6.6
[169]
Ø.213
[5,41]
4 PLACES
3/4” NPT REAR
ENTRANCE
2.0
[51]
Dimensions in Inches [mm]
Patent Pending
1180° optical pattern versions are optimized for a 45° mounting angle
2Part numbers listed in the above table are cool white. For neutral white version replace the 5th character with N Ex: STW2C2N becomes STW2N2N


Similar Part No. - STW2C2N

ManufacturerPart #DatasheetDescription
logo
ZIEHL industrie-elektro...
STW200 ZIEHL-STW200 Datasheet
244Kb / 1P
Current-Relay for Obstacle Lights AC 12 - 120 mA for LED-Lamps, 0,1...1 A for light bulbs
logo
STMicroelectronics
STW200NF03 STMICROELECTRONICS-STW200NF03 Datasheet
292Kb / 8P
N-CHANNEL 30V - 0.002 ohm - 120A TO-247 ULTRA LOW ON-RESISTANCE STripFET™ II MOSFET
Oct-2002
logo
Inchange Semiconductor ...
STW200NF03 ISC-STW200NF03 Datasheet
351Kb / 2P
isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STW2040 STMICROELECTRONICS-STW2040 Datasheet
262Kb / 10P
High voltage fast-switching NPN power transistor
10-Jun-2009
logo
ZIEHL industrie-elektro...
STW20K ZIEHL-STW20K Datasheet
259Kb / 1P
Current-Relay STW20K AC-Detection, AND-Evaluation, 3 Transformers
More results

Similar Description - STW2C2N

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
HZC8C2N DIALIGHT-HZC8C2N Datasheet
178Kb / 2P
SafeSite Series LED Area Light
HZC020701111212 DIALIGHT-HZC020701111212 Datasheet
3Mb / 4P
SafeSite LED Area Light
HZC041501111201 DIALIGHT-HZC041501111201 Datasheet
601Kb / 4P
SafeSite ATEX LED Area Light
STW-00-070-1111-212 DIALIGHT-STW-00-070-1111-212 Datasheet
658Kb / 4P
DuroSite LED Area Light
HZA2C2N DIALIGHT-HZA2C2N Datasheet
307Kb / 2P
SafeSite짰 Series LED Area Light
HZC2C2N DIALIGHT-HZC2C2N Datasheet
291Kb / 2P
SafeSite짰 Series LED Area Light
HZD2C2N DIALIGHT-HZD2C2N Datasheet
285Kb / 2P
SafeSite짰 Series LED Area Light
LPK22-2C3DIF DIALIGHT-LPK22-2C3DIF Datasheet
158Kb / 2P
DuroSite짰 LPK LED Langfeldleuchte
STW8A2N DIALIGHT-STW8A2N Datasheet
287Kb / 2P
DuroSite짰 LED Area Light
logo
Energizer
TUFPAL31E ENERGIZER-TUFPAL31E Datasheet
554Kb / 1P
Hard Case Professional LED Area Light
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com