Electronic Components Datasheet Search
  English  ▼

X  

515-1069F Datasheet(PDF) 16 Page - Dialight Corporation

Part # 515-1069F
Description  Light Pipe Selector Guide Optopipe짰 Lightpipes
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

515-1069F Datasheet(HTML) 16 Page - Dialight Corporation

Back Button 515-1069F Datasheet HTML 12Page - Dialight Corporation 515-1069F Datasheet HTML 13Page - Dialight Corporation 515-1069F Datasheet HTML 14Page - Dialight Corporation 515-1069F Datasheet HTML 15Page - Dialight Corporation 515-1069F Datasheet HTML 16Page - Dialight Corporation 515-1069F Datasheet HTML 17Page - Dialight Corporation 515-1069F Datasheet HTML 18Page - Dialight Corporation 515-1069F Datasheet HTML 19Page - Dialight Corporation 515-1069F Datasheet HTML 20Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
16
Recommended Micro LED® Surface Mount LEDs
Dialight
Part Number
Color
Material
Dom .
λ Typ.
(nm)
Intensity
Typ. (mcd)
Forward
Voltage
Typ. (V)
Viewing
Angle
(Deg.)
Height
(mm)
Test
Current
(mA)
Type
1206 Series Package (3.2mm X 1.6 X Height) Reverse Mount
597-6001-607F
Red
AlInGaP
631
150
2.0
70
1.1
20
Single Color
597-6201-607F
Orange
AlInGaP
605
260
2.0
70
1.1
20
Single Color
597-6301-607F
Green
InGaN
525
410
3.0
70
1.1
20
Single Color
597-6401-607F
Yellow
AlInGaP
587
240
2.0
70
1.1
20
Single Color
597-6501-607F
Yellow-Green
AlInGaP
572
104
2.2
70
1.1
20
Single Color
597-6601-607F
Blue
InGaN
470
112
3.0
70
1.1
20
Single Color
597-6901-607F
White
InGaN
x .304,y.301
70
3
70
1.1
5
Single Color
597-7703-607F
Red/Green
AlInGaP
631/571
55/45
2.0
130
1.1
20
Bi-Color
597-7783-607F
Red/Blue
AlInGaP/InGaN
631/470
45/45
2.0/3.3
130
1.1
20
Bi-Color
5mm Through Hole LEDs
521-9247F
Red
-
635
60
2.6
35
5
10
Single Color
521-9249F
Yellow
-
588
90
2.1
16
5
20
Single Color
521-9251F
Green
-
565
70
2.7
24
5
10
Single Color
Part Number
Drawing
Suggested
LED*
597-3XX1-207F
597-77X1-207F
597-3XX1-507F
597-77X1-507F
597-3XX1-207F
597-77X1-207F
597-3XX1-507F
597-77X1-507F
597-3XX1-207F
597-77X1-207F
597-3XX1-507F
597-77X1-507F
597-3XX1-507F
597-77X1-507F
515-1040F
515-1046F
515-1133F
515-1156F
.91
(REF)
ø.156 TYP
4 PLCS
.070 TYP
(REF)
.090 TYP
3 PLCS
.405
4 PLCS
.128 TYP
REF
3 PLCS
.050
.025
.250
.500
.750
ø.080
45
˚ TYP
REF
.218
R .045
R .008
(REF)
.047
.128±.003 TYP
4 PLCS
.67
.495
1.98
.375±.005 TYP
5 PLCS
.250 TYP
6 PLCS
.100 TYP
6 PLCS
.278±.003
TYP 4 PLCS
.070
TYP
.060
.380
.090
.486
℄ LEDS
.500
(12,7)
.375±.002
(9,53±0,05)
.078 (1,98)
.130
(3,3)
.156 (3,96)
.750±.002
(19,05±0,05)
.040
(1,02)
4 PLCS
.118 (3)
2 PLCS
.375
(9,53)
.170
(4,32)
.125
(3,18)
.155
(3,94)
.090
(2,29)
.704
REF
.103
REF
.060
REF
CURVED 3 DIFFUSED
FRONT SURFACES
ø.134+.002
- .001
ø.120
TYP
.065 REF
℄ LED
℄
LED
.664
REF
.364
REF
ø.116±.002
(2,95±0,05)
* ’X’ represents a variable part number. See page 17 for LED details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com