Electronic Components Datasheet Search
  English  ▼

X  

MND70 Datasheet(PDF) 1 Page - Dialight Corporation

Part # MND70
Description  HL16 LED LIGHT ENGINE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

MND70 Datasheet(HTML) 1 Page - Dialight Corporation

  MND70 Datasheet HTML 1Page - Dialight Corporation MND70 Datasheet HTML 2Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
HL16 LED LIGHT ENGINE
Features & Benefits:
w Easy plug and play wiring options
w Long operating life typically 50,000 hours
w Optimised thermal management
w Onboard driver option
w Selectable beam angles
w Full range of light output colours
w Low heat
w No UV
Application:
Dialight's HL16 modules feature 3 high flux LEDs complete with heatsink.
Comparable to a traditional MR16 size, the HL16 modules can also be
easily retrofitted into existing MR16 housings. The HL16 works well in
exterior architecture, landscape, accent and display case applications
Mechanical Information
Container Dimensions:
Diameter = 50.0mm (1.97”)
Height = 36.0mm (1.42”), 37.5mm
(1.48”) with sub lens attached
Lead length = 150mm (5.91
Container Weight:
94g
Mounting:
MR16 type housings
(supplied by others)
Electrical specifications
Power Consumption:
3.6 watts
Operating Temperature:
-10ºC to +40ºC
Drive Current:
350mA
Housing:
Die cast heatsink
Lens:
Acrylic lens
Photometric Information
CCT:
6,500K (cool white)
3,200K (neutral white
Intial Lumen Output:
Cool White - 300lm
Warm White - 180lm
All values typical unless otherwise stated
www.dialight.com
Order Codes:
50mm
Part Number
Description
HL16-W
LED light engine, cool white
HL16-WW
LED light engine, warm white
46mm
Compatible Drivers:
Part Number
Maximum
number of
HL16s
Supply
Voltage
Dimming
Dimensions
MDU93570
3
110-240VAC
X
100 x 40 x 25 mm
MLD8-C-35170
2
230VAC
X
111 x 52 x 23.5 mm
MDU-18-V-25-100
4
230VAC
Via 0-10V dimmer
110 x 49 x 25 mm
MND70
3
110 – 240VAC Trailing edge dimmer 99 x 39 x 23.5mm
HL16 with Wide Lens


Similar Part No. - MND70

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
MND70-12-1-ML-N DIALIGHT-MND70-12-1-ML-N Datasheet
148Kb / 2P
MINIDIM LED DRIVER
More results

Similar Description - MND70

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
HL16-RGB DIALIGHT-HL16-RGB Datasheet
483Kb / 2P
HL16 RGB LED LIGHT ENGINE
LKOP1-C1-CW-SD DIALIGHT-LKOP1-C1-CW-SD Datasheet
261Kb / 2P
LK1 LED Light Engine with optic
logo
Lumins Inc.
W709 LUMINIS-W709 Datasheet
897Kb / 3P
LED light engine.
W786 LUMINIS-W786 Datasheet
866Kb / 3P
LED light engine.
logo
List of Unclassifed Man...
98006 ETC2-98006 Datasheet
683Kb / 2P
LED Light Engine, 10.2??Fingerboard Module
98013 ETC2-98013 Datasheet
607Kb / 2P
LED Light Engine, 3.0??Round Module
98017 ETC2-98017 Datasheet
605Kb / 2P
LED Light Engine, 3.7??Round Module
98021 ETC2-98021 Datasheet
604Kb / 2P
LED Light Engine, 4.7??Round Module
98026 ETC2-98026 Datasheet
615Kb / 2P
LED Light Engine, 23??Linear Module
logo
Lumins Inc.
EC850 LUMINIS-EC850 Datasheet
523Kb / 3P
LED light engine
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com