Electronic Components Datasheet Search
  English  ▼

X  

HBXH Datasheet(PDF) 3 Page - Dialight Corporation

Part # HBXH
Description  DuroSite짰 Series LED Low Bay
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

HBXH Datasheet(HTML) 3 Page - Dialight Corporation

  HBXH Datasheet HTML 1Page - Dialight Corporation HBXH Datasheet HTML 2Page - Dialight Corporation HBXH Datasheet HTML 3Page - Dialight Corporation HBXH Datasheet HTML 4Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DuroSite
® LED Low Bay Fixture
Mechanical Information
Fixture Weight:
18 lbs (8.2 kg)
Shipping Weight:
24 lbs (10.92 kg)
Mounting:
(1) 3/4” NPT or (2) 5/16”-18 x .75” UNC
Electrical specifications
Operating Voltage:
100-277VAC, 50/60 Hz
Total System
Power Consumption:
45W, 80W, 140W
Operating Temp:
-40°F to +149°F (-40°C to +65°C)
Noise Requirements/
FCC Title 47, Subpart B, Section 15, class A
EMC:
device. RF Immunity; 10V/m, 80MHz-1GHz
Harmonics:
EN61000-3-2
Transient Protection:
1 kV line to line
2 kV line to ground
THD:
<15%
Power Factor:
> 0.9
Construction
Body:
Powder coated aluminum
EPA:
0.60
Finish:
Epoxy polyester powder coated for
superior corrosion resistance
Lens:
Polycarbonate
Photometric Information
CRI:
70
CCT:
6,000K (cool white)
4,300K (neutral white)
All values typical unless otherwise stated
All lumen values are typical (tolerance +/- 10%)
Dimensions in inches [mm]
Certifications and Ratings
• UL1598/A (suitable for wet locations)
• CSA C22.2 No. 250.0-08
• UL8750
Compliances
• IEC 60529 (IP 66)
• NEMA 4X
• ANSI C 136.15-2011
Test Reports
• LM-79
• LM-80
Application:
Dialight’s Durosite
® LED low bay fixture was designed specifically to replace
conventional lighting in a wide variety of industrial applications; both indoor
and outdoor. Its low profile light weight design and versatile mounting
options make it ideal for many applications such as parking decks,
garages, cold storage and other applications with mounting heights up to
20 feet.
All of Dialight’s long life LED luminaires are designed to meet the most
demanding specification criteria while offering maximum energy savings,
reduced maintenance costs, and a superior quality of light.
www.dialight.com
Ordering Code:
5.04
(127,9)
8.19
(208)
Ø 10.37
(263,5)
Ø 16.00
(406,4)
16.25 (412,8)
BETWEEN BRACKET MOUNT
LOCATIONS (5/16”-18UNC)
3/4” NPT FOR
CONDUIT MOUNT
Part Number
lumens
Wattage
Lumens Per
Watt
CCT
Occupancy
Sensor
Variable
Dimming
LBW1C1A
3,800
45
84
Cool White
LBW1N1A
3,800
45
84
Neutral White
LBW1C2A
3,800
45
84
Cool White
•
LBW1N2A
3,800
45
84
Neutral White
•
LBW1C5A
3,800
45
84
Cool White
•
LBW1N5A
3,800
45
84
Neutral White
•
LBW1C1D
6,000
80
75
Cool White
LBW1N1D
6,000
80
75
Neutral White
LBW1C2D
6,000
80
75
Cool White
•
LBW1N2D
6,000
80
75
Neutral White
•
LBW1C5D
6,000
80
75
Cool White
•
LBW1N5D
6,000
80
75
Neutral White
•
HBWC4L
8,750
140
62
Cool White
HBWN4L
8,750
140
62
Neutral White
Meets Buy American
For projects requiring Buy American certification,
consult factory for additional information and details



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com