Electronic Components Datasheet Search
  English  ▼

X  

ZXGD3104N8 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # ZXGD3104N8
Description  SYNCHRONOUS MOSFET CONTROLLER IN SO8
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXGD3104N8 Datasheet(HTML) 3 Page - Diodes Incorporated

  ZXGD3104N8 Datasheet HTML 1Page - Diodes Incorporated ZXGD3104N8 Datasheet HTML 2Page - Diodes Incorporated ZXGD3104N8 Datasheet HTML 3Page - Diodes Incorporated ZXGD3104N8 Datasheet HTML 4Page - Diodes Incorporated ZXGD3104N8 Datasheet HTML 5Page - Diodes Incorporated ZXGD3104N8 Datasheet HTML 6Page - Diodes Incorporated ZXGD3104N8 Datasheet HTML 7Page - Diodes Incorporated ZXGD3104N8 Datasheet HTML 8Page - Diodes Incorporated ZXGD3104N8 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
ZXGD3104N8
Document Number DS35546 Rev. 1 – 2
3 of 13
www.diodes.com
November 2011
© Diodes Incorporated
A Product Line of
Diodes Incorporated
ZXGD3104N8
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Supply voltage, relative to GND
VCC
25
V
Drain pin voltage
VD
-3 to 180
V
Gate output voltage
VG
-3 to VCC + 3
V
Gate Driver peak source current
ISOURCE
2.5
A
Gate Driver peak sink current
ISINK
7
A
Reference voltage
VREF
VCC
V
Reference current
IREF
25
mA
Bias voltage
VBIAS
VCC
V
Bias current
IBIAS
100
mA
Thermal Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Power Dissipation
Linear derating factor
(Note 4)
PD
490
3.92
mW
mW/
°C
(Note 5)
655
5.24
(Note 6)
720
5.76
(Note 7)
785
6.28
Thermal Resistance, Junction to Ambient
(Note 4)
RθJA
255
°C/W
(Note 5)
191
(Note 6)
173
(Note 7)
159
Thermal Resistance, Junction to Lead
(Note 8)
RθJL
135
°C/W
Operating Temperature Range
TJ
-40 to +150
°C
Storage Temperature Range
TSTG
-50 to +150
Notes:
4. For a device surface mounted on minimum recommended pad layout FR4 PCB with high coverage of single sided 1oz copper, in still air conditions; the
device is measured when operating in a steady-state condition.
5. Same as note (4), except pin 5 (VCC) and pin 6 (GND) are both connected to separate 5mm x 5mm 1oz copper heatsinks.
6. Same as note (5), except both heatsinks are 10mm x 10mm.
7. Same as note (5), except both heatsinks are 15mm x 15mm.
8. Thermal resistance from junction to solder-point at the end of each lead on pin 5 (VCC) and pin 6 (GND).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com