Electronic Components Datasheet Search
  English  ▼

X  

HT1381A Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # HT1381A
Description  Serial Timekeeper Chip
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1381A Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  HT1381A Datasheet HTML 1Page - Holtek Semiconductor Inc HT1381A Datasheet HTML 2Page - Holtek Semiconductor Inc HT1381A Datasheet HTML 3Page - Holtek Semiconductor Inc HT1381A Datasheet HTML 4Page - Holtek Semiconductor Inc HT1381A Datasheet HTML 5Page - Holtek Semiconductor Inc HT1381A Datasheet HTML 6Page - Holtek Semiconductor Inc HT1381A Datasheet HTML 7Page - Holtek Semiconductor Inc HT1381A Datasheet HTML 8Page - Holtek Semiconductor Inc HT1381A Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Rev. 1.00
2
June 15, 2012
HT1380A/HT1381A
Pad Assignment
1
2
4
5
7
X2
VSS
I/O
SC LK
VD D
3
6
R EST
X1
(0 ,0 )
8
9
10
11
NC
NC
VSS
NC
Chipsize:1136×900(μm)2
*TheICsubstrateshouldbeconnectedtoVSSinthePCBlayoutartwork.
Pad Coordinates
Unit: μm
Pad No.
X
Y
1
-456.985
333.025
2
-456.985
264.025
3
-456.985
195.025
4
-455.590
109.935
5
-466.000
-154.955
6
-466.000
-249.955
7
-466.000
-344.955
8
465.966
-309.630
9
465.966
-214.630
10
465.966
-119.630
11
465.966
-24.630
Pad Description
Pin Name
I/O
Internal Connection
Description
VSS
�
CMOS
Negative power supply, ground
X1
I
CMOS
32768Hz crystal input pad
X2
O
CMOS
Oscillator output pad
REST
I
CMOS
Reset pin with serial transmission
I/O
I/O
CMOS
Data Input/Output pin with serial transmission
SCLK
I
CMOS
Serial Clock pulse pin with serial transmission
VDD
�
CMOS
Positive power supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com