Electronic Components Datasheet Search
  English  ▼

X  

SFH522 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # SFH522
Description  慣-棺-款-Strahlungsdetektor 慣-棺-款-Radiation Detector
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SFH522 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  SFH522 Datasheet HTML 1Page - Siemens Semiconductor Group SFH522 Datasheet HTML 2Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SFH 522
Kennwerte
Characteristics
Current and Capacitance Characteristics per cm2
Bezeichnung
Description
Symbol
Symbol
Wert
Value
Einheit
Unit
Sperrspannung
Breakdown voltage
100
µA
V
R
> 180
V
Dunkelstrom
Dark current
80 V
150 V
I
R
(< 80)
50 (< 160)
nA
Flußspannung
Forward voltage
100 mA
V
F
0.7 (< 2.0)
V
Kapazität
Capacitance
f = 1 MHz, E
v = 0
80 V
150 V
C
160
120
pF
Kapazität pro cm2
Capacitance per cm2
120 V
C/cm2
32
pF
Betriebsspannung
Operating voltage
V
op
90 ... 120
V
Ladungsträger - Lebensdauer
Charge carrier lifetime
–
10
msec.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com