Electronic Components Datasheet Search
  English  ▼

X  

16PT10AI Datasheet(PDF) 1 Page - Nell Semiconductor Co., Ltd

Part # 16PT10AI
Description  Stansard SCRs, 16A
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

16PT10AI Datasheet(HTML) 1 Page - Nell Semiconductor Co., Ltd

  16PT10AI Datasheet HTML 1Page - Nell Semiconductor Co., Ltd 16PT10AI Datasheet HTML 2Page - Nell Semiconductor Co., Ltd 16PT10AI Datasheet HTML 3Page - Nell Semiconductor Co., Ltd 16PT10AI Datasheet HTML 4Page - Nell Semiconductor Co., Ltd 16PT10AI Datasheet HTML 5Page - Nell Semiconductor Co., Ltd 16PT10AI Datasheet HTML 6Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Page 1 of 6
SEMICONDUCTOR
16PT Series RoHS
RoHS
Stansard SCRs, 16A
Main Features
Symbol
Value
Unit
IT(RMS)
V
/V
DRM
RRM
IGT
16
A
V
mA
25
600 to 1000
DESCRIPTION
1
2
3
1
2
3
2
2
2
1
2
3
TO-220AB (Non-lnsulated)
TO-251 (I-PAK)
TO-252 (D-PAK)
1
2
3
TO-220AB (lnsulated)
(16PTxxF)
(16PTxxG)
(16PTxxA)
(16PTxxAI)
(G)3
1(A1)
(A2)
2
www.nellsemi.com
The 16PT series of silicon controlled rectifiers are high
performance glass passivated technology, and are
suitable for general purpose applications.
Using clip assembly technology, they provide a
superior performance in surge current capabilities.
A2
A2
G
A1
2
TO-263 (D PAK)
(16PTxxH)
2
A s
A/µs
UNIT
A
ºC
A
A
W
V
A
W
- 40 to + 150
- 40 to + 125
600 to 1000
180
VALUE
50
4
1
10
t = 16.7 ms
t = 20 ms
T = 125ºC
j
T = 125ºC
j
T =110°C
c
T =86°C
c
T = 125ºC
j
T =110°C
c
T =86°C
c
TEST CONDITIONS
t = 10 ms
p
T =125ºC
j
T =125ºC
j
TO-251/TO-252
TO-220AB/TO-263
TO-220AB insulated
TO-220AB insulated
F =50 Hz
F =60 Hz
F = 60 Hz
T = 20 µs
p
T =20µs
p
SYMBOL
IT(RMS)
ITSM
dI/dt
PG(AV)
VDRM
VRRM
IT(AV)
PGM
I t
2
IGM
Tstg
Tj
ABSOLUTE MAXIMUM RATINGS
Critical rate of rise of on-state current
Operating junction temperature range
RMS on-state current full sine wave
Repetitive peak off-state voltage
Non repetitive surge peak on-state
current (full cycle, T initial = 25°C)
j
Repetitive peak reverse voltage
Average gate power dissipation
PARAMETER
Average on-state current
Storage temperature range
(180° conduction angle )
(180° conduction angle)
Maximum gate power
I = 2xl
, t ≤100ns
G
GT
r
2
I t Value for fusing
Peak gate current
TO-251/TO-252
TO-220AB/TO-263
16
10
190
200


Similar Part No. - 16PT10AI

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
16PT NELLSEMI-16PT Datasheet
661Kb / 6P
Stansard SCRs, 16A
16PT NELLSEMI-16PT Datasheet
784Kb / 6P
Stansard SCRs
logo
Bothhand USA, LP.
16PT6120 BOTHHAND-16PT6120 Datasheet
69Kb / 1P
10/100 BASE-T TRANSFORMER
16PT6122A BOTHHAND-16PT6122A Datasheet
283Kb / 1P
10/100 BASE-T ETHERNET ISOLATION TRANSFOMER
16PT6149F BOTHHAND-16PT6149F Datasheet
26Kb / 1P
10/100 BASE-T ETHERNET ISOLATION TRANSFORMER
More results

Similar Description - 16PT10AI

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
16PT NELLSEMI-16PT_14 Datasheet
662Kb / 6P
Stansard SCRs, 16A
40PT NELLSEMI-40PT Datasheet
659Kb / 5P
Stansard SCRs
55PT NELLSEMI-55PT Datasheet
650Kb / 5P
Stansard SCRs
70PT NELLSEMI-70PT Datasheet
254Kb / 4P
Stansard SCRs
16PT NELLSEMI-16PT Datasheet
661Kb / 6P
Stansard SCRs, 16A
16PT NELLSEMI-16PT_18 Datasheet
784Kb / 6P
Stansard SCRs
25PT NELLSEMI-25PT_18 Datasheet
856Kb / 6P
Stansard SCRs
40PT NELLSEMI-40PT_18 Datasheet
751Kb / 5P
Stansard SCRs
75PT NELLSEMI-75PT Datasheet
708Kb / 5P
Stansard SCRs
30PT NELLSEMI-30PT_18 Datasheet
245Kb / 6P
Stansard SCRs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com