Electronic Components Datasheet Search
  English  ▼

X  

40PT06AI Datasheet(PDF) 3 Page - Nell Semiconductor Co., Ltd

Part # 40PT06AI
Description  Stansard SCRs, 40A
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

40PT06AI Datasheet(HTML) 3 Page - Nell Semiconductor Co., Ltd

  40PT06AI Datasheet HTML 1Page - Nell Semiconductor Co., Ltd 40PT06AI Datasheet HTML 2Page - Nell Semiconductor Co., Ltd 40PT06AI Datasheet HTML 3Page - Nell Semiconductor Co., Ltd 40PT06AI Datasheet HTML 4Page - Nell Semiconductor Co., Ltd 40PT06AI Datasheet HTML 5Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SEMICONDUCTOR
RoHS
RoHS
40PT Series
ORDERING INFORMATION SCHEME
SCR series
Package type
Current
Voltage Code
A = TO-220AB (non-insulated)
AI = TO-220AB ( insulated)
40 = 40A, IT(RMS)
40 PT 06
06 = 600V
B = TO-3P (non-insulated)
08 = 800V
10 = 1000V
12 = 1200V
16 = 1600V
BI = TO-3P ( insulated)
C = TO-247AB
2
H = TO-263 (D PAK)
Fig.1 Maximum average power dissipation
versus average on-state current.
P(W)
Page 3 of 5
www.nellsemi.com
40
30
20
10
0
5
15
25
35
0
5
10
15
20
25
30
α=180°
36 0°
α
I
(A)
T( AV)
Fig.2 RMS on-state current versus case
temperature.
0
10
20
30
40
50
0
25
50
75
100
125
IT(RMS)
T
(°C)
case
TO-3P
TO-247AB
TO-220AB
TO-263
TO-220AB
TO-3P
insulated
insulated
D.C.
Fig.3 Relative variation of thermal impedance
versus pulse duration.
1.00
0.10
0.01
1E-3
1E-2
1E-1
1E+0
1E+1
1E+2
5E+3
K=[Z /R ]
th
th
Zth(j-c)
Zth(j-a)
t (s)
P
Fig.4 Relative variation of gate trigger current,
holding current and latching current versus
junction temperature.
120
140
-40
100
0
20
40
60
80
-20
0.0
0.5
1.0
1.5
2.0
2.5
lGT
l &l
H
L
T (°C)
j
l
,
l ,l [T ] / l
,l ,l [T =25°C]
GT H L
j
GT H L
j



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com