Electronic Components Datasheet Search
  English  ▼

X  

8T08F-SW Datasheet(PDF) 3 Page - Nell Semiconductor Co., Ltd

Part # 8T08F-SW
Description  TRIACs, 8A Snubberless, Logic Level and Standard
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

8T08F-SW Datasheet(HTML) 3 Page - Nell Semiconductor Co., Ltd

  8T08F-SW Datasheet HTML 1Page - Nell Semiconductor Co., Ltd 8T08F-SW Datasheet HTML 2Page - Nell Semiconductor Co., Ltd 8T08F-SW Datasheet HTML 3Page - Nell Semiconductor Co., Ltd 8T08F-SW Datasheet HTML 4Page - Nell Semiconductor Co., Ltd 8T08F-SW Datasheet HTML 5Page - Nell Semiconductor Co., Ltd 8T08F-SW Datasheet HTML 6Page - Nell Semiconductor Co., Ltd 8T08F-SW Datasheet HTML 7Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
www.nellsemi.com
Page 3 of 7
PRODUCT SELECTOR
PART NUMBER
VOLTAGE (x x)
SENSITIVITY
PACKAGE
600 V
50 mA
50 mA
25 mA
35 mA
10 mA
5 mA
1000 V
8TxxA-B/8TxxAl-B
8TxxA-BW/8TxxAl-BW
8TxxA-C/8TxxAl-C
8TxxA-CW/8TxxAl-CW
8TxxA-SW/8TxxAl-SW
8TxxA-TW/8TxxAI-TW
TYPE
TO-220AB
TO-220AB
TO-220AB
TO-220AB
TO-220AB
TO-220AB
Standard
Snubberless
Standard
Snubberless
Logic level
Logic level
V
V
V
V
V
V
V
V
V
V
V
V
SEMICONDUCTOR
8T Series RoHS
RoHS
800 V
V
V
V
V
V
V
THERMAL RESISTANCE
Rth(j-c)
Junction to case (AC)
Rth(j-a)
Junction to ambient
2.5
60
°C/W
°C/W
UNIT
VALUE
SYMBOL
TO-220AB, TO-251, TO-252, TO-263
TO-220AB Insulated
TO-252
TO-220AB Insulated, TO-220AB
1.6
S = Copper surface under tab.
2
S = 1 cm
2
S = 0.5 cm
TO-263
TO-251
70
45
100
10 mA
10 mA
10 mA
35 mA
35 mA
8TxxG-SW
IPAK
Snubberless
Logic level
Logic level
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
8TxxF-SW
8TxxG-CW
8TxxH-SW
8TxxH-CW
8TxxF-CW
AI: non insulated TO-220AB package
35 mA
Snubberless
Snubberless
Logic level
2
D PAK
DPAK
2
D PAK
IPAK
DPAK
ORDERING INFORMATION
8TxxA-yy
8TxxA-yy
ORDERING TYPE
MARKING
PACKAGE
WEIGHT
,
BASE Q TY
DELIVERY MODE
TO-220AB
2.0g
50
Tube
8TxxAI-yy
8TxxAI-yy
2.3g
50
Tube
8TxxF-yy
8TxxF-yy
TO-251(I-PAK)
0.40g
80
8TxxG-yy
8TxxG-yy
0.38g
80
Tube
Note: xx = voltage, yy = sensitivity
8TxxH-yy
8TxxH-yy
2
D PAK
2.0g
50
TO-252(D-PAK)
TO-220AB (insulated)
Tube
Tube



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com