Electronic Components Datasheet Search
  English  ▼

X  

KBJ10 Datasheet(PDF) 1 Page - Nell Semiconductor Co., Ltd

Part # KBJ10
Description  Glass Passivated Single-Phase Bridge Rectifier, 10A
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

KBJ10 Datasheet(HTML) 1 Page - Nell Semiconductor Co., Ltd

  KBJ10 Datasheet HTML 1Page - Nell Semiconductor Co., Ltd KBJ10 Datasheet HTML 2Page - Nell Semiconductor Co., Ltd KBJ10 Datasheet HTML 3Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEATURES
UL recognition file number E320098
Small volume, light weight
Typical IR less than 2.0 µA
TYPICAL APPLICATIONS
General purpose use in AC/DC bridge full wave
Epoxy meets UL 94 V-O flammability rating
PRIMARY CHARACTERRISTICS
IF(AV)
Weight: 4.0g (0.14 ozs)
10A
VRRM
400V to 1200V
1.10V
5 µA
150ºC
IFSM
IR
VF
SEMICONDUCTOR
RoHS
RoHS
Page 1 of 3
Glass Passivated Single-Phase Bridge Rectifier, 10A
Nell High Power Products
Compliant to RoHS
High surge current capability
Low thermal resistance
Small thermal resistance
rectification for big power supply, field supply for DC motor,
industrial automation applications.
ADVANTAGE
TJ max.
210A
KBJ10
KBJ1004 Thru KBJ1012
Isolation voltage up to 2500V
International standard package
High heat-conduction rate
Low temperature rise
All dimensions in millimeters
www.nellsemi.com
+
~
~
High temperature soldering guaranteed : 260°C/10 second, 2.3kg tension force
25.00±0.30
7.50±0.20
Ø3.30
+0.10
-0.20
1.00
+0.07
-0.04
+
~
~
3.60±0.20
0.65±0.01
4.60±0.20
3.00±0.20
7.50±0.20
7.50±0.20


Similar Part No. - KBJ10

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
KBJ1000 PANJIT-KBJ1000 Datasheet
114Kb / 2P
SILICON BRIDGE RECTIFIERS
logo
First Components Intern...
KBJ1000 FCI-KBJ1000 Datasheet
138Kb / 2P
10 Amps Single-Phase Silicon Bridge Rectifiers High surge current capability
logo
Sangdest Microelectroni...
KBJ10005 SMC-KBJ10005 Datasheet
188Kb / 4P
Ideal for printed circuit board
logo
Chongqing Pingwei Enter...
KBJ10005 CHONGQING-KBJ10005 Datasheet
203Kb / 2P
SINGLE PHASE10.0AMPS.GLASS PASSIVATED BRIDGE RECTIFIERS
logo
DIYI Electronic Technol...
KBJ10005 DYELEC-KBJ10005 Datasheet
501Kb / 2P
Glass passivated chip junction
More results

Similar Description - KBJ10

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
GBJ10A WTE-GBJ10A Datasheet
61Kb / 4P
10A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
GBPC10 WTE-GBPC10 Datasheet
62Kb / 4P
10A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
GBPC10S WTE-GBPC10S Datasheet
73Kb / 4P
10A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
KBU1000G WTE-KBU1000G_06 Datasheet
52Kb / 4P
10A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
PB1000G WTE-PB1000G_06 Datasheet
62Kb / 4P
10A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Nell Semiconductor Co.,...
GBJ10 NELLSEMI-GBJ10 Datasheet
224Kb / 3P
Glass Passivated Single-Phase Bridge Rectifier, 10A
GBU10 NELLSEMI-GBU10 Datasheet
159Kb / 3P
Glass Passivated Single-Phase Bridge Rectifier, 10A
logo
Zibo Seno Electronic En...
GBPC10 ZSELEC-GBPC10 Datasheet
89Kb / 2P
10A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
GBPC1000 ZSELEC-GBPC1000 Datasheet
89Kb / 2P
10A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
KBPC1000 ZSELEC-KBPC1000 Datasheet
388Kb / 2P
10A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com