Electronic Components Datasheet Search
  English  ▼

X  

MSTP110 Datasheet(PDF) 1 Page - Nell Semiconductor Co., Ltd

Part # MSTP110
Description  Three-phase half-controlled bridge rectifier, 110A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

MSTP110 Datasheet(HTML) 1 Page - Nell Semiconductor Co., Ltd

  MSTP110 Datasheet HTML 1Page - Nell Semiconductor Co., Ltd MSTP110 Datasheet HTML 2Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1 of 2
SEMICONDUCTOR
MSTP110 Series RoHS
RoHS
FEATURES
UL approved file E320098
Compliant to RoHS
ADVANTAGE
Easy mounting
Small volume, light weight
Small thermal resistance
Three-phase half-controlled bridge rectifier, 110A
APPLICATIONS
Power supply for DC power device
Input rectifier for PWM converter
Low temperature rise
MAJOR RATINGS AND CHARACTERISTICS
SYMBOL
CHARACTERISTICS
VALUES
UNITS
IT(AV) or IF(AV)
85 ºC
A
ITSM,
IFSM
50 HZ
1150
60 H
1230
z
2
I t
50 H
6600
z
2
A S
60 H
6280
z
VRRM
Range
1200 to 1600
V
TStg
- 40 to 125
TJ
110
C(~) D(~) E(~)
2
3
1
5
6
4
A(+)
B(-)
ºC
Nell High Power Products
Glass-passivated chips
Low forward voltage drop
十字六角螺絲M6x10
C~
D~
E~
A+
B-
Dimensions in mm
MSTP110-12 Thru MSTP 110-16


Similar Part No. - MSTP110

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MST MACOM-MST Datasheet
95Kb / 2P
HIGH-PERFORMANCE RELAYS
logo
Eaton All Rights Reserv...
MST EATON-MST Datasheet
543Kb / 5P
SMD current sensing resistor- metal strip
June 2022
logo
Conquer Electronics Co....
MST CONQUER-MST Datasheet
217Kb / 1P
8.35 x 4.3 x 7.7 mm
logo
HellermannTyton.
MST HELLERMANNTYTON-MST Datasheet
151Kb / 3P
Cable Ties and Fixings
September 2022
logo
List of Unclassifed Man...
MST-1 ETC2-MST-1 Datasheet
739Kb / 16P
MiscellanIenoduosoSrp/eOauktedroso/rGSrpileleask&erWsall Baffles
More results

Similar Description - MSTP110

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
L048 IXYS-L048 Datasheet
43Kb / 2P
Three Phase Half Controlled Rectifier Bridge, B6HK
VVZ24-12IO1 IXYS-VVZ24-12IO1 Datasheet
75Kb / 3P
Three Phase Half Controlled Rectifier Bridge
VVZ24 IXYS-VVZ24 Datasheet
146Kb / 3P
Three Phase Half Controlled Rectifier Bridge
VVZ40 IXYS-VVZ40 Datasheet
51Kb / 2P
Three Phase Half Controlled Rectifier Bridge
VVZ12-16IO1 IXYS-VVZ12-16IO1 Datasheet
43Kb / 2P
Three Phase Half Controlled Rectifier Bridge
logo
Powersem GmbH
PSDH39 POWERSEM-PSDH39 Datasheet
151Kb / 2P
Three Phase Half Controlled Rectifier Bridge
PSDH74 POWERSEM-PSDH74 Datasheet
496Kb / 2P
Three Phase Half Controlled Rectifier Bridge, B6HK
PSWDPSVD100 POWERSEM-PSWDPSVD100 Datasheet
137Kb / 1P
Half Three Phase Rectifier Bridge
logo
Naina Semiconductor ltd...
NHS60 NAINA-NHS60 Datasheet
184Kb / 2P
Three Phase Half Controlled Bridge Rectifier, 60 Amps
NHS100 NAINA-NHS100 Datasheet
184Kb / 2P
Three Phase Half Controlled Bridge Rectifier, 100 Amps
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com