Electronic Components Datasheet Search
  English  ▼

X  

MTP75 Datasheet(PDF) 1 Page - Nell Semiconductor Co., Ltd

Part # MTP75
Description  Glass Passivated Three-Phase Bridge Rectifier, 75A
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

MTP75 Datasheet(HTML) 1 Page - Nell Semiconductor Co., Ltd

  MTP75 Datasheet HTML 1Page - Nell Semiconductor Co., Ltd MTP75 Datasheet HTML 2Page - Nell Semiconductor Co., Ltd MTP75 Datasheet HTML 3Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEATURES
UL recognition file number E320098
Small volume, light weight
Typical IR less than 2.0 µA
TYPICAL APPLICATIONS
General purpose use in AC/DC bridge full wave
Epoxy meets UL 94 V-O flammability rating
PRIMARY CHARACTERRISTICS
IF(AV)
Weight: 195g (6.9 ozs)
75A
VRRM
800V to 1800V
1.3V
20 µA
150ºC
IFSM
IR
VF
SEMICONDUCTOR
RoHS
RoHS
Page 1 of 3
Glass Passivated Three-Phase Bridge Rectifier, 75A
Nell High Power Products
Compliant to RoHS
High surge current capability
Low thermal resistance
Small thermal resistance
rectification for big power supply, field supply for DC motor,
industrial automation applications.
ADVANTAGE
TJ max.
1000A
MTP75
MTP7508 Thru MTP7518
Isolation voltage up to 2500V
International standard package
5 SCREWS M5
18
18
36
80+2
50+2
14+0.3
14+0.3
14+0.3
66+2
6.5
All dimensions in millimeters


Similar Part No. - MTP75

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
MTP75 NELLSEMI-MTP75 Datasheet
661Kb / 3P
Three-Phase Bridge Rectifier
MTP7508 NELLSEMI-MTP7508 Datasheet
661Kb / 3P
Three-Phase Bridge Rectifier
MTP7508D NELLSEMI-MTP7508D Datasheet
646Kb / 3P
Three-Phase Bridge Rectifier
MTP7510 NELLSEMI-MTP7510 Datasheet
661Kb / 3P
Three-Phase Bridge Rectifier
MTP7510D NELLSEMI-MTP7510D Datasheet
646Kb / 3P
Three-Phase Bridge Rectifier
More results

Similar Description - MTP75

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MSD100 MICROSEMI-MSD100 Datasheet
131Kb / 3P
Glass Passivated Three Phase Rectifier Bridge
logo
Jiangsu APT Semiconduct...
MD50S18M4 APTSEMI-MD50S18M4 Datasheet
80Kb / 3P
Glass Passivated Three Phase Rectifier Bridge
MD100S18M3 APTSEMI-MD100S18M3 Datasheet
88Kb / 3P
Glass Passivated Three Phase Rectifier Bridge
MD100S18M5 APTSEMI-MD100S18M5 Datasheet
118Kb / 3P
Glass Passivated Three Phase Rectifier Bridge
logo
Yangzhou yangjie electr...
MD50S08M4 YANGJIE-MD50S08M4 Datasheet
129Kb / 3P
Glass Passivated Three Phase Rectifier Bridge
MD100S08M2 YANGJIE-MD100S08M2 Datasheet
194Kb / 3P
Glass Passivated Three Phase Rectifier Bridge
MD250S08M3 YANGJIE-MD250S08M3 Datasheet
140Kb / 3P
Glass Passivated Three Phase Rectifier Bridge
logo
Nanjing International G...
MDS150P DGNJDZ-MDS150P Datasheet
1Mb / 2P
Glass Passivated Three Phase Rectifier Bridge
MDS50G DGNJDZ-MDS50G Datasheet
1Mb / 2P
Glass Passivated Three Phase Rectifier Bridge
logo
Shanghai Leiditech Elec...
MD60S18M2 LEIDITECH-MD60S18M2 Datasheet
311Kb / 3P
Glass Passivated Three Phase Rectifier Bridge
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com