Electronic Components Datasheet Search
  English  ▼

X  

MTP75D Datasheet(PDF) 1 Page - Nell Semiconductor Co., Ltd

Part # MTP75D
Description  Three-Phase Bridge Rectifier, 75A
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

MTP75D Datasheet(HTML) 1 Page - Nell Semiconductor Co., Ltd

  MTP75D Datasheet HTML 1Page - Nell Semiconductor Co., Ltd MTP75D Datasheet HTML 2Page - Nell Semiconductor Co., Ltd MTP75D Datasheet HTML 3Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
~
~
~
+
-
20
20
60
72
20
23
20
Ø5.3
5-M5
FEATURES
UL recognition file number E320098
Small volume, light weight
Typical IR less than 2.0 µA
TYPICAL APPLICATIONS
General purpose use in AC/DC bridge full wave
Epoxy meets UL 94 V-O flammability rating
PRIMARY CHARACTERRISTICS
IF(AV)
Weight: 170g (6 ozs)
75A
VRRM
800V to 1800V
1.3V
20 µA
150ºC
IFSM
IR
VF
SEMICONDUCTOR
RoHS
RoHS
Page 1 of 3
Three-Phase Bridge Rectifier, 75A
Nell High Power Products
Compliant to RoHS
High surge current capability
Low thermal resistance
Small thermal resistance
rectification for big power supply, field supply for DC motor,
industrial automation applications.
ADVANTAGE
TJ max.
1000A
MTP75D Series
MTP7508D Thru MTP7518D
Isolation voltage up to 2500V
International standard package
All dimensions in millimeters
( MTP75-08 Thru MTP75-18 )


Similar Part No. - MTP75D

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
MTP75D NELLSEMI-MTP75D Datasheet
646Kb / 3P
Three-Phase Bridge Rectifier
MTP75D NELLSEMI-MTP75D_17 Datasheet
646Kb / 3P
Three-Phase Bridge Rectifier
More results

Similar Description - MTP75D

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
MTP75 NELLSEMI-MTP75 Datasheet
1Mb / 3P
Glass Passivated Three-Phase Bridge Rectifier, 75A
MTP75A NELLSEMI-MTP75A Datasheet
825Kb / 3P
Three-Phase Bridge Rectifier, 75A
MTP75S NELLSEMI-MTP75S Datasheet
1Mb / 3P
Three-Phase Bridge Rectifier, 75A
logo
IXYS Corporation
VUO5012N03 IXYS-VUO5012N03 Datasheet
77Kb / 2P
Three Phase Rectifier Bridge
logo
Powersem GmbH
PSD43F06 POWERSEM-PSD43F06 Datasheet
160Kb / 1P
Three Phase Rectifier Bridge
PSD43F12 POWERSEM-PSD43F12 Datasheet
160Kb / 1P
Three Phase Rectifier Bridge
logo
IXYS Corporation
VUO25-08NO8 IXYS-VUO25-08NO8 Datasheet
145Kb / 2P
Three Phase Rectifier Bridge
logo
Solid States Devices, I...
RA0036A SSDI-RA0036A Datasheet
100Kb / 1P
THREE PHASE BRIDGE RECTIFIER
RA0082 SSDI-RA0082 Datasheet
147Kb / 1P
THREE PHASE BRIDGE RECTIFIER
logo
IXYS Corporation
VUO122-18NO7 IXYS-VUO122-18NO7 Datasheet
106Kb / 1P
Three Phase Rectifier Bridge
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com