Electronic Components Datasheet Search
  English  ▼

X  

MTP100D Datasheet(PDF) 1 Page - Nell Semiconductor Co., Ltd

Part # MTP100D
Description  Three-Phase Bridge Rectifier, 100A
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

MTP100D Datasheet(HTML) 1 Page - Nell Semiconductor Co., Ltd

  MTP100D Datasheet HTML 1Page - Nell Semiconductor Co., Ltd MTP100D Datasheet HTML 2Page - Nell Semiconductor Co., Ltd MTP100D Datasheet HTML 3Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
~
~
~
+
-
20
20
60
72
20
23
20
Ø5.3
5-M5
FEATURES
UL recognition file number E320098
Small volume, light weight
Typical IR less than 2.0 µA
TYPICAL APPLICATIONS
General purpose use in AC/DC bridge full wave
Epoxy meets UL 94 V-O flammability rating
PRIMARY CHARACTERRISTICS
IF(AV)
Weight: 170g (6 ozs)
100A
VRRM
800V to 1800V
1.3V
20 µA
150ºC
IFSM
IR
VF
SEMICONDUCTOR
RoHS
RoHS
Page 1 of 3
Three-Phase Bridge Rectifier, 100A
Nell High Power Products
Compliant to RoHS
High surge current capability
Low thermal resistance
Small thermal resistance
rectification for big power supply, field supply for DC motor,
industrial automation applications.
ADVANTAGE
TJ max.
1200A
MTP100D Series
MTP10008D Thru MTP10018D
Isolation voltage up to 2500V
International standard package
All dimensions in millimeters
( MTP100-08 Thru MTP100-18 )


Similar Part No. - MTP100D

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
MTP100D NELLSEMI-MTP100D Datasheet
670Kb / 3P
Three-Phase Bridge Rectifier
MTP100D NELLSEMI-MTP100D_18 Datasheet
670Kb / 3P
Three-Phase Bridge Rectifier
More results

Similar Description - MTP100D

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
MTP100 NELLSEMI-MTP100 Datasheet
1Mb / 3P
Glass Passivated Three-Phase Bridge Rectifier, 100A
MTP100A NELLSEMI-MTP100A Datasheet
1Mb / 3P
Three-Phase Bridge Rectifier, 100A
MTP100S NELLSEMI-MTP100S Datasheet
1Mb / 3P
Three-Phase Bridge Rectifier, 100A
MTPT100 NELLSEMI-MTPT100 Datasheet
430Kb / 5P
Three-Phase Bridge Thyristor, 100A
logo
Thinki Semiconductor Co...
SQL50A THINKISEMI-SQL50A Datasheet
187Kb / 1P
50-100A GPP Three Phase Bridge Rectifiers
logo
MacMic
MMD100E160X MACMIC-MMD100E160X Datasheet
178Kb / 3P
100A Three-Phase Rectifier Bridge Module
MMD100E180X MACMIC-MMD100E180X Datasheet
179Kb / 3P
100A Three-Phase Rectifier Bridge Module
MMD100E200X MACMIC-MMD100E200X Datasheet
179Kb / 3P
100A Three-Phase Rectifier Bridge Module
MMD100EB160X MACMIC-MMD100EB160X Datasheet
198Kb / 3P
100A Three-Phase Rectifier Bridge Module
MMD100F200X MACMIC-MMD100F200X Datasheet
348Kb / 3P
100A Three-Phase Rectifier Bridge Module
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com