Electronic Components Datasheet Search
  English  ▼

X  

SLX24C64 Datasheet(PDF) 22 Page - Siemens Semiconductor Group

Part # SLX24C64
Description  64 Kbit 8192 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SLX24C64 Datasheet(HTML) 22 Page - Siemens Semiconductor Group

Back Button SLX24C64 Datasheet HTML 18Page - Siemens Semiconductor Group SLX24C64 Datasheet HTML 19Page - Siemens Semiconductor Group SLX24C64 Datasheet HTML 20Page - Siemens Semiconductor Group SLX24C64 Datasheet HTML 21Page - Siemens Semiconductor Group SLX24C64 Datasheet HTML 22Page - Siemens Semiconductor Group SLX24C64 Datasheet HTML 23Page - Siemens Semiconductor Group SLX24C64 Datasheet HTML 24Page - Siemens Semiconductor Group SLX24C64 Datasheet HTML 25Page - Siemens Semiconductor Group SLX24C64 Datasheet HTML 26Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
SLx 24C64
Semiconductor Group
22
Preliminary 1998-07-27
8
Electrical Characteristics
The listed characteristics are ensured over the operating range of the integrated circuit.
Typical characteristics specify mean values expected over the production spread. If not
otherwise specified, typical characteristics apply at
T
A =25 °C and the given supply
voltage.
8.1
Absolute Maximum Ratings
Stresses above those listed here may cause permanent damage to the device. This is a
stress rating only and functional operation of the device at these or any other conditions
above those indicated in the operational section of this data sheet is not implied.
Exposure to absolute maximum ratings for extended periods may affect device reliability.
Parameter
Limit Values
Units
Operating temperature
range 1 (industrial)
range 2 (automotive)
– 40to+ 85
– 40to+ 125
°C
°C
Storage temperature
– 65 to + 150
°C
Supply voltage
– 0.3 to + 7.0
V
All inputs and outputs with respect to ground
– 0.3 to
V
CC +0.5
V
ESD protection (human body model)
4000
V
8.2
DC Characteristics
Parameter
Symbol
Limit Values
Units Test Condition
min.
typ. max.
Supply voltage
V
CC
4.5
5.5
V
5 V type
V
CC
2.7
5.5
V
3 V type
Supply current
1)
(write)
I
CC
3mA
V
CC =5V; fc = 100 kHz
Standby
current
2)
I
SB
1
µA
Inputs at
V
CC or VSS
Input leakage
current
I
LI
0.1
1
µA
V
IN = VCC or VSS
Output leakage
current
I
LO
0.1
1
µA
V
OUT = VCC or VSS
Input low
voltage
V
IL
–0.3
0.3
× V
CC
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com