Electronic Components Datasheet Search
  English  ▼

X  

SSL2109T Datasheet(PDF) 3 Page - NXP Semiconductors

Part # SSL2109T
Description  GreenChip controller for LED lighting
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL2109T Datasheet(HTML) 3 Page - NXP Semiconductors

  SSL2109T Datasheet HTML 1Page - NXP Semiconductors SSL2109T Datasheet HTML 2Page - NXP Semiconductors SSL2109T Datasheet HTML 3Page - NXP Semiconductors SSL2109T Datasheet HTML 4Page - NXP Semiconductors SSL2109T Datasheet HTML 5Page - NXP Semiconductors SSL2109T Datasheet HTML 6Page - NXP Semiconductors SSL2109T Datasheet HTML 7Page - NXP Semiconductors SSL2109T Datasheet HTML 8Page - NXP Semiconductors SSL2109T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
SSL2109T
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 26 April 2012
3 of 19
NXP Semiconductors
SSL2109T
GreenChip controller for LED lighting
6.
Block diagram
Fig 1.
Block diagram SSL2109T
aaa-001925
NTC
FUNCTION
SUPPLY:
INTERNAL
REGULATOR
AND
BANDGAP
VALLEY
DETECTION
dV/dT
SUPPLY
LOGIC
CONTROL
AND
PROTECTION
SWP
OCP
THERMAL
SHUTDOWN
POR
LOGIC
JFET
HV
VCC
NTC
GND
SOURCE
DRIVER
DRAIN
DVDT
4
5
8
6
1
2
3
7
TONMAX
BLANK
TOFFMAX
1.5 V
0.5 V < > 0.25 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com