Electronic Components Datasheet Search
  English  ▼

X  

ADS1291IPBS Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1291IPBS
Description  Low-Power, 2-Channel, 24-Bit Analog Front-End for Biopotential Measurements
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1291IPBS Datasheet(HTML) 12 Page - Texas Instruments

Back Button ADS1291IPBS Datasheet HTML 8Page - Texas Instruments ADS1291IPBS Datasheet HTML 9Page - Texas Instruments ADS1291IPBS Datasheet HTML 10Page - Texas Instruments ADS1291IPBS Datasheet HTML 11Page - Texas Instruments ADS1291IPBS Datasheet HTML 12Page - Texas Instruments ADS1291IPBS Datasheet HTML 13Page - Texas Instruments ADS1291IPBS Datasheet HTML 14Page - Texas Instruments ADS1291IPBS Datasheet HTML 15Page - Texas Instruments ADS1291IPBS Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 69 page
background image
ADS1291
ADS1292
ADS1292R
SBAS502A – DECEMBER 2011 – REVISED MARCH 2012
www.ti.com
PIN ASSIGNMENTS
NAME
TERMINAL
FUNCTION
DESCRIPTION
AVDD
12
Supply
Analog supply
AVSS
13
Supply
Analog ground
CLK
17
Digital input
Master clock input
CLKSEL
14
Digital input
Master clock select
CS
18
Digital input
Chip select
DGND
24
Supply
Digital ground
DIN
19
Digital input
SPI data in
DOUT
21
Digital output
SPI data out
DRDY
22
Digital output
Data ready; active low
DVDD
23
Supply
Digital power supply
GPIO1/RCLK1
26
Digital input/output
General-purpose I/O 1 or resp clock 1 (ADS1292R)
GPIO2/RCLK2
25
Digital input/output
General-purpose I/O 2 or resp clock 2 (ADS1292R)
IN1N(1)
3
Analog input
Differential analog negative input 1
IN1P(1)
4
Analog input
Differential analog positive input 1
IN2N(1)
5
Analog input
Differential analog negative input 2
IN2P(1)
6
Analog input
Differential analog positive input 2
PGA1N
1
Analog output
PGA1 inverting output
PGA1P
2
Analog output
PGA1 noninverting output
PGA2N
7
Analog output
PGA2 inverting output
PGA2P
8
Analog output
PGA2 noninverting output
PWDN/RESET
15
Digital input
Power-down or system reset; active low
RESP_MODN/IN3N(1)
32
Analog input/output
N-side respiration excitation signal for respiration or auxiliary input 3N
RESP_MODP/IN3P(1)
31
Analog input/output
P-side respiration excitation signal for respiration or auxiliary input 3P
Right leg drive input to MUX or RLD amplifier noninverting input; connect
RLDIN/RLDREF
29
Analog input
to AVDD if not used
RLDINV
28
Analog input
Right leg drive inverting input; connect to AVDD if not used
RLDOUT
30
Analog input
Right leg drive output
SCLK
20
Digital input
SPI clock
START
16
Digital input
Start conversion
VCAP1
11
—
Analog bypass capacitor
VCAP2
27
—
Analog bypass capacitor
VREFN
10
Analog input
Negative reference voltage; must be connected to AVSS
VREFP
9
Analog input/output
Positive reference voltage
(1)
Connect unused analog inputs to AVDD.
12
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Link(s): ADS1291 ADS1292 ADS1292R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com