Electronic Components Datasheet Search
  English  ▼

X  

DRV2665RGPR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DRV2665RGPR
Description  Piezo Haptic Driver with Integrated Boost Converter and Digital Front End
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV2665RGPR Datasheet(HTML) 1 Page - Texas Instruments

  DRV2665RGPR Datasheet HTML 1Page - Texas Instruments DRV2665RGPR Datasheet HTML 2Page - Texas Instruments DRV2665RGPR Datasheet HTML 3Page - Texas Instruments DRV2665RGPR Datasheet HTML 4Page - Texas Instruments DRV2665RGPR Datasheet HTML 5Page - Texas Instruments DRV2665RGPR Datasheet HTML 6Page - Texas Instruments DRV2665RGPR Datasheet HTML 7Page - Texas Instruments DRV2665RGPR Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
CVBST
VDD
VREG
SDA
SCL
IN+
IN-
VPUMP
GND
SW
VBST
PVDD
FB
OUT+
OUT-
REXT
L1
I2C
Analog
Input
R 1
R 2
Piezo
Actuator
3 V to 5.5 V
CVDD
RPU
RPU
CVREG
CPUMP
REXT
DRV2665
DRV2665
www.ti.com
SLOS790 – MAY 2012
Piezo Haptic Driver with Integrated Boost Converter and Digital Front End
Check for Samples: DRV2665
1
FEATURES
DESCRIPTION
The DRV2665 is a piezo haptic driver with integrated
•
Integrated Digital Front End
105
V
boost
switch,
integrated
power
diode,
–
I2C Bus Control up to 400 kHz
integrated fully-differential amplifier, and integrated
–
Internal 100 Byte FIFO Interface
digital front end. This versatile device is capable of
driving both high-voltage and low-voltage piezo haptic
–
Immersion TS5000 Compliant
actuators. The input signal can be driven as haptic
–
Optional Analog Inputs
packets over the I2C port or via the analog inputs.
•
High Voltage Piezo-Haptic Driver
The DRV2665 digital interface is available via an I2C
–
Drives up to 100 nF at 200 VPP and 300 Hz
compatible bus. A digital interface relieves the costly
–
Drives up to 150 nF at 150 VPP and 300 Hz
processor burden of PWM generation or additional
analog channel requirements in the host system. Any
–
Drives up to 330 nF at 100 VPP and 300 Hz
writes to the internal first-in, first-out buffer (FIFO) will
–
Drives up to 680 nF at 50 VPP and 300 Hz
automatically wake up the device and begin playing
–
Differential Output
the
waveform
after
the
2
ms
internal
startup
procedure. When the data flow stops or the FIFO
•
Integrated 105 V Boost Converter
under-runs, the DRV2665 will automatically enter a
–
Adjustable Boost Voltage
pop-less shutdown procedure.
–
Adjustable Boost Current Limit
The boost voltage is set using two external resistors,
–
Integrated Power FET and Diode
and the boost current limit is programmable via the
–
No Transformer Required
REXT resistor. A typical start-up time of 2 ms makes
the DRV2665 an ideal piezo driver for fast haptic
•
Fast Start Up Time of 2 ms (typical)
responses. Thermal overload protection prevents the
•
Wide Supply Voltage Range of 3 V to 5.5 V
device from being damaged when overdriven.
•
1.8 V Compatible, 5 V Tolerant Digital Pins
__
•
Available in a 4 mm × 4 mm × 0.9 mm QFN
__
package (RGP)
•
Pin-Similar with DRV8662
APPLICATIONS
•
Mobile Phones
•
Tablets
•
Portable Computers
•
Keyboards and Mice
•
Electronic Gaming
•
Touch Enabled Devices
space
space
space
space
For more information, please contact your local TI sales representative.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - DRV2665RGPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV2665RGPR TI2-DRV2665RGPR Datasheet
1Mb / 35P
DRV2665 Piezo Haptic Driver with Integrated Boost Converter and Digital Front End
REVISED JANUARY 2023
DRV2665RGPR.A TI2-DRV2665RGPR.A Datasheet
1Mb / 35P
DRV2665 Piezo Haptic Driver with Integrated Boost Converter and Digital Front End
REVISED JANUARY 2023
DRV2665RGPR.B TI2-DRV2665RGPR.B Datasheet
1Mb / 35P
DRV2665 Piezo Haptic Driver with Integrated Boost Converter and Digital Front End
REVISED JANUARY 2023
More results

Similar Description - DRV2665RGPR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3572 LINER-LT3572 Datasheet
161Kb / 12P
Dual Full-Bridge Piezo Driver with 900mA Boost Converter
logo
Texas Instruments
DRV8662 TI1-DRV8662 Datasheet
54Kb / 2P
Piezo Haptic Driver with Integrated Boost Converter
JUNE2011
DRV8662 TI1-DRV8662_12 Datasheet
367Kb / 4P
Piezo Haptic Driver with Integrated Boost Converter
DRV2667 TI-DRV2667 Datasheet
218Kb / 6P
Piezo Haptic Driver with Boost, Digital Front End, and Internal Waveform Memory
logo
Linear Technology
LT3572 LINER-LT3572_15 Datasheet
160Kb / 12P
Dual Full-Bridge Piezo Driver with 900mA Boost Converter
logo
Texas Instruments
DRV2700 TI-DRV2700_15 Datasheet
1Mb / 37P
DRV2700 Industrial Piezo Driver With Integrated Boost Converter
logo
Micro Analog systems
MAS6251 MAS-MAS6251 Datasheet
1Mb / 21P
Piezo and LED Driver with Synchronous Boost DC/DC Converter
logo
Maxim Integrated Produc...
MAX77501 MAXIM-MAX77501 Datasheet
109Kb / 2P
110VPK-PK High-Efficiency Piezo Haptic Actuator Boost Driver
Rev 0; 6/19
MAX35101 MAXIM-MAX35101 Datasheet
1Mb / 66P
Time-to-Digital Converter with Analog Front-End
19-6830; Rev 1; 1/15
logo
Diodes Incorporated
PAM8907 DIODES-PAM8907 Datasheet
695Kb / 10P
31VPP OUTPUT PIEZO SOUNDER DRIVER WITH BOOST CONVERTER
May 2021
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com