Electronic Components Datasheet Search
  English  ▼

X  

HD3SS3412 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # HD3SS3412
Description  4-Channel High-Performance Differential Switch
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

HD3SS3412 Datasheet(HTML) 3 Page - Texas Instruments

  HD3SS3412 Datasheet HTML 1Page - Texas Instruments HD3SS3412 Datasheet HTML 2Page - Texas Instruments HD3SS3412 Datasheet HTML 3Page - Texas Instruments HD3SS3412 Datasheet HTML 4Page - Texas Instruments HD3SS3412 Datasheet HTML 5Page - Texas Instruments HD3SS3412 Datasheet HTML 6Page - Texas Instruments HD3SS3412 Datasheet HTML 7Page - Texas Instruments HD3SS3412 Datasheet HTML 8Page - Texas Instruments HD3SS3412 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
HD3SS3412
www.ti.com
SLAS828A – FEBRUARY 2012 – REVISED FEBRUARY 2012
PIN FUNCTIONS (continued)
PIN
PIN NAME
I/O
DESCRIPTION
11
A2+
Port A, Channel 2, High Speed Positive Signal
I/O
12
A2–
Port A, Channel 2, High Speed Negative Signal
15
A3+
Port A, Channel 3, High Speed Positive Signal
I/O
16
A3–
Port A, Channel 3, High Speed Negative Signal
SWITCH PORT B
38
B0+
Port B, Channel 0, High Speed Positive Signal
I/O
37
B0–
lPort B, Channel 0, High Speed Negative Signal
36
B1+
Port B, Channel 1, High Speed Positive Signal
I/O
35
B1–
Port B, Channel 1, High Speed Negative Signal
29
B2+
Port B, Channel 2, High Speed Positive Signal
I/O
28
B2–
Port B, Channel 2, High Speed Negative Signal
27
B3+
Port B, Channel 3, High Speed Positive Signal
I/O
26
B3–
Port B, Channel 3, High Speed Negative Signal
SWITCH PORT C
34
C0+
Port C, Channel 0, High Speed Positive Signal
I/O
33
C0–
Port C, Channel 0, High Speed Negative Signal
32
C1+
Port C, Channel 1, High Speed Positive Signal
I/O
31
C1–
Port C, Channel 1, High Speed Negative Signal
25
C2+
Port C, Channel 2, High Speed Positive Signal
I/O
24
C2–
Port C, Channel 2, High Speed Negative Signal
23
C3+
Port C, Channel 3, High Speed Positive Signal
I/O
22
C3–
Port C, Channel 3, High Speed Negative Signal
CONTROL, SUPPLY, AND NO CONNECT
9
SEL
I
Select between port B or port C. Internally tied to GND via 100k
Ω resistor
5, 13, 20, 30, 40
VDD
Supply
Positive power supply voltage
1, 4, 10, 14, 17,
GND
Supply
Negative power supply voltage
19, 21, 39, 41, Center
Pad
8, 18, 42
NC
Electrically not connected
Table 2. MUX Pin Connections(1)
PORT B OR PORT C CHANNEL
CONNECTED TO PORT A CHANNEL
PORT A CHANNEL
SEL = L
SEL = H
A0+
B0+
C0+
A0–
B0–
C0–
A1+
B1+
C1+
A1–
B1–
C1–
A2+
B2+
C2+
A2–
B2–
C2–
A3+
B3+
C3+
A3–
B3–
C3–
(1)
The HD3SS3412 can tolerate polarity inversions for all differential signals on Ports A, B and C. Care
should be taken to ensure the same polarity is maintained on Port A vs. Port B/C.
Copyright © 2012–2012 , Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s) :HD3SS3412



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com