Electronic Components Datasheet Search
  English  ▼

X  

INA3221AIRGV Datasheet(PDF) 2 Page - Texas Instruments

Part # INA3221AIRGV
Description  Triple-Channel, High-Side Measurement, Shunt and Bus Voltage Monitor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA3221AIRGV Datasheet(HTML) 2 Page - Texas Instruments

  INA3221AIRGV Datasheet HTML 1Page - Texas Instruments INA3221AIRGV Datasheet HTML 2Page - Texas Instruments INA3221AIRGV Datasheet HTML 3Page - Texas Instruments INA3221AIRGV Datasheet HTML 4Page - Texas Instruments INA3221AIRGV Datasheet HTML 5Page - Texas Instruments INA3221AIRGV Datasheet HTML 6Page - Texas Instruments INA3221AIRGV Datasheet HTML 7Page - Texas Instruments INA3221AIRGV Datasheet HTML 8Page - Texas Instruments INA3221AIRGV Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
INA3221
SBOS576 – MAY 2012
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
PACKAGING INFORMATION(1)
PRODUCT
PACKAGE-LEAD
PACKAGE DESIGNATOR
PACKAGE MARKING
INA3221AIRGV
QFN-16
RGV
INA3221
(1)
For the most current package and ordering information see the Package Option Addendum at the end of this document, or see the
device product folder at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
(1)
Over operating free-air temperature range, unless otherwise noted.
VALUE
UNIT
Voltage
Supply, VS
6
V
Differential (VIN+) – (VIN–)(2)
–26 to +26
V
IN+, IN–
Analog inputs
Common-mode
–0.3 to +26
V
VBUS, VPU
26
V
Critical, warning, power valid
6
V
Digital outputs
Timing control
26V
V
Data line, SDA
(GND – 0.3) to +6
V
Serial bus
Clock line, SCL
(GND – 0.3) to (VS + 0.3)
V
Input, into any pin
5
mA
Current
Open-drain, digital output
10
mA
Storage
–65 to +150
°C
Temperature
Junction
+150
°C
Human body model (HBM)
2500
V
Electrostatic discharge (ESD) ratings
Charged-device model (CDM)
1000
V
Machine model (MM)
200
V
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not implied.
(2)
VIN+ and VIN– can have a differential voltage of –26 V to +26 V; however, the voltage at these pins must not exceed the range of
–0.3 V to +26 V.
2
Copyright © 2012, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com