Electronic Components Datasheet Search
  English  ▼

X  

PCM2906C Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # PCM2906C
Description  Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM2906C Datasheet(HTML) 7 Page - Texas Instruments

Back Button PCM2906C Datasheet HTML 3Page - Texas Instruments PCM2906C Datasheet HTML 4Page - Texas Instruments PCM2906C Datasheet HTML 5Page - Texas Instruments PCM2906C Datasheet HTML 6Page - Texas Instruments PCM2906C Datasheet HTML 7Page - Texas Instruments PCM2906C Datasheet HTML 8Page - Texas Instruments PCM2906C Datasheet HTML 9Page - Texas Instruments PCM2906C Datasheet HTML 10Page - Texas Instruments PCM2906C Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
SSPND
S/PDIFDecoder
DIN
Lock
ADC
V L
IN
V R
IN
V
COM
FIFO
Selector
Analog
PLL
Analog
PLL
FIFO
DAC
V
L
OUT
V
R
OUT
S/PDIFEncoder
DOUT
XTI
XTO
12MHz
PLL ( 8)
´
96MHz
Tracker
(SpAct)
USB
Protocol
Controller
Power
Manager
ISO-In
End-Point
Control
End-Point
ISO-Out
End-Point
HID
End-Point
D+
D–
SEL0
SEL1
HID0
HID1
HID2
V
BUS
5-Vto3.3-VVoltageRegulator
V
CCCI
V
CCP1I
V
CCP2I
V
CCXI
V
DDI
DGNDU
DGND
AGNDX
AGNDP
AGNDC
B0239-01
PCM2906C
www.ti.com
SBFS037
– NOVEMBER 2011
FUNCTIONAL BLOCK DIAGRAM
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): PCM2906C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com