Electronic Components Datasheet Search
  English  ▼

X  

REF3140TDD2 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # REF3140TDD2
Description  SERIES VOLTAGE REFERENCE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF3140TDD2 Datasheet(HTML) 2 Page - Texas Instruments

  REF3140TDD2 Datasheet HTML 1Page - Texas Instruments REF3140TDD2 Datasheet HTML 2Page - Texas Instruments REF3140TDD2 Datasheet HTML 3Page - Texas Instruments REF3140TDD2 Datasheet HTML 4Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
REF3140-DIE
SBVS205 – JUNE 2012
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
BARE DIE INFORMATION
BACKSIDE
BOND PAD
BOND PAD
DIE THICKNESS
BACKSIDE FINISH
POTENTIAL
METALLIZATION COMPOSITION
THICKNESS
15 mils.
Silicon with backgrind
Floating
Ti/AlSiCu/TiN
800 nm
Table 1. Bond Pad Coordinates in Microns(1)
DESCRIPTION
PAD NUMBER
X MIN
Y MIN
X MAX
Y MAX
OUT
1
5
5
107
107
OUT
2
198.6
5
300.6
107
GND
3
396.2
5
498.2
107
GND
4
585.8
5
687.8
107
N/C
5
585.8
1246.2
687.8
1348.2
IN
6
251.15
1246.2
441.65
1348.2
N/C
7
5
1246.2
107
1348.2
(1)
Substrate N/C.
2
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s): REF3140-DIE



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com