Electronic Components Datasheet Search
  English  ▼

X  

TLV62080 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TLV62080
Description  1.2A High Efficient Step Down Converter in 2x2mm SON Package
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV62080 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLV62080 Datasheet HTML 9Page - Texas Instruments TLV62080 Datasheet HTML 10Page - Texas Instruments TLV62080 Datasheet HTML 11Page - Texas Instruments TLV62080 Datasheet HTML 12Page - Texas Instruments TLV62080 Datasheet HTML 13Page - Texas Instruments TLV62080 Datasheet HTML 14Page - Texas Instruments TLV62080 Datasheet HTML 15Page - Texas Instruments TLV62080 Datasheet HTML 16Page - Texas Instruments TLV62080 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
TLV62080
1mH
10µF
2.5V .. 5.5V
65.3k
39.2k
V
IN
POWER GOOD
SW
VOS
VIN
EN
GND
GND
PG
FB
22µF
180k
V
OUT
1.2V
TLV62080
www.ti.com
SLVSAK9A
– OCTOBER 2011 – REVISED NOVEMBER 2011
Figure 18. PCB Layout Suggestion
THERMAL INFORMATION
Implementation of integrated circuits in low-profile and fine-pitch surface-mount packages typically requires
special attention to power dissipation. Many system-dependent issues such as thermal coupling, airflow, added
heat sinks and convection surfaces, and the presence of other heat-generating components affect the
power-dissipation limits of a given component.
Three basic approaches for enhancing thermal performance are listed below:
•
Improving the power dissipation capability of the PCB design
•
Improving the thermal coupling of the component to the PCB by soldering the ThermalPAD
™
•
Introducing airflow in the system
For more details on how to use the thermal parameters, see the application notes: Thermal Characteristics
Application Notes SZZA017 and SPRA953.
APPLICATION EXAMPLES
Figure 19. 1.2V Output Voltage Application
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): TLV62080



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com