Electronic Components Datasheet Search
  English  ▼

X  

TPS55340 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TPS55340
Description  Integrated 5-A 40-V Wide Input Range Boost/SEPIC/Flyback DC-DC Regulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS55340 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS55340 Datasheet HTML 17Page - Texas Instruments TPS55340 Datasheet HTML 18Page - Texas Instruments TPS55340 Datasheet HTML 19Page - Texas Instruments TPS55340 Datasheet HTML 20Page - Texas Instruments TPS55340 Datasheet HTML 21Page - Texas Instruments TPS55340 Datasheet HTML 22Page - Texas Instruments TPS55340 Datasheet HTML 23Page - Texas Instruments TPS55340 Datasheet HTML 24Page - Texas Instruments TPS55340 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
OUT
D
OUT
D
IN
V
V
D
V
V
V
+
=
+
+
VIN
6-18V
VIN
VIN
12V, 1A
49.9
86.6k
1
1
Not Populated
TP3
SYNC
SYNC
TP2
TP5
TP4
Lb
La
TPS55340
www.ti.com
SLVSBD4 – MAY 2012
DESIGN GUIDE-STEP-BY-STEP DESIGN PROCEDURE OF SEPIC CONVERTER
Figure 24. SEPIC Converter Application Schematic
The following parameters are used for a SEPIC converter design. These calculations are performed only for
CCM operation, and the use of a coupled inductor is assumed.
Table 2. Key Parameters of SEPIC Converter Example
PARAMETER
VALUE
Output Voltage
12 V
Input Voltage
6 V to 18 V, 12 V nominal
Maximum Output Current
1 A
Transient Response 50% load step (
ΔVOUT = 4%)
480 mV
Output Voltage Ripple (0.5% of VOUT)
60 mV
SELECTING THE SWITCHING FREQUENCY (R4)
A 500 kHz switching frequency (ƒSW) is selected for this design. Using Equation 1, R4 is calculated and the
nearest standard value 95.3 k
Ω is used.
DUTY CYCLE
The duty cycle of a SEPIC converter is calculated with Equation 40. With the 6 V minimum input the duty cycle is
68% and with the 18 V maximum input voltage the duty cycle is 41%.
(40)
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s) :TPS55340



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com