Electronic Components Datasheet Search
  English  ▼

X  

TS3DV621 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TS3DV621
Description  12-Channel 1:2 MUX/DEMUX Switch with Integrated 4-Channel Sideband Signal Switching
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TS3DV621 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TS3DV621 Datasheet HTML 9Page - Texas Instruments TS3DV621 Datasheet HTML 10Page - Texas Instruments TS3DV621 Datasheet HTML 11Page - Texas Instruments TS3DV621 Datasheet HTML 12Page - Texas Instruments TS3DV621 Datasheet HTML 13Page - Texas Instruments TS3DV621 Datasheet HTML 14Page - Texas Instruments TS3DV621 Datasheet HTML 15Page - Texas Instruments TS3DV621 Datasheet HTML 16Page - Texas Instruments TS3DV621 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
TS3DV621
www.ti.com
SCDS330B – JANUARY 2012 – REVISED MAY 2012
REVISION HISTORY
Changes from Original (January 2012) to Revision A
Page
•
Changed CON value in FEATURES from 5.6 pF to 4 pF. ..................................................................................................... 1
•
Deleted LEVEL-SHIFTING REQUIREMENT FOR DUAL-MODE DP/HDMI APPLICATION section from document. ......... 4
•
Added CON TYP value to the ELECTRICAL CHARACTERISTICS table. ............................................................................. 6
Changes from Revision A (February 2012) to Revision B
Page
•
Changed CON value from 4 pF to 5.6 pF. ............................................................................................................................. 1
•
Changed CON TYP value to the ELECTRICAL CHARACTERISTICS table. ........................................................................ 6
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s) :TS3DV621



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com