Electronic Components Datasheet Search
  English  ▼

X  

UCD3138 Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # UCD3138
Description  Highly Integrated Digital Controller for Isolated Power
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCD3138 Datasheet(HTML) 26 Page - Texas Instruments

Back Button UCD3138 Datasheet HTML 22Page - Texas Instruments UCD3138 Datasheet HTML 23Page - Texas Instruments UCD3138 Datasheet HTML 24Page - Texas Instruments UCD3138 Datasheet HTML 25Page - Texas Instruments UCD3138 Datasheet HTML 26Page - Texas Instruments UCD3138 Datasheet HTML 27Page - Texas Instruments UCD3138 Datasheet HTML 28Page - Texas Instruments UCD3138 Datasheet HTML 29Page - Texas Instruments UCD3138 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 68 page
background image
Error ADC
(Front End)
Filter
Digital
PWM
EAP
EAN
DPWMA
DPWMB
UCD3138
SLUSAP2 A – MARCH 2012 – REVISED MARCH 2012
www.ti.com
Table 4-1. Interrupt Priority Table (continued)
MODULE COMPONENT OR
NAME
DESCRIPTION
PRIORITY
REGISTER
DPWM3
DPWM3
Same as DPWM1
26
DPWM2
DPWM2
Same as DPWM1
27
1) Every (1-256) switching cycles
DPWM1
DPWM1
2) Fault Detection
28
3) Mode switching
DPWM0
DPWM0
Same as DPWM1
29
EXT_FAULT_INT
External Faults
Fault pin interrupt
30
SYS_SSI_INT
System Software
System software interrupt
31 (highest)
4.4
Peripherals
4.4.1
Fusion Digital Power Peripherals
At the core of the UCD31XX controller are 3 Fusion Digital Power Peripherals (FDPP). Each FDPP can be
configured to drive from one to eight DPWM outputs. Each FDPP consists of:
•
Differential input error ADC (EADC) with sophisticated controls
•
Hardware accelerated digital 2-pole/2-zero PID based compensator
•
Digital PWM module with support for a variety of topologies
These can be connected in many different combinations, with multiple filters and DPWMs. They are
capable of supporting functions like input voltage feed forward, current mode control, and constant
current/constant power, etc.. The simplest configuration is shown in the following figure:
4.4.1.1
Front End
The EADC module can be programmed to produce an inverting or non-inverting error relative to the
voltage set by the EADC DAC. It also has a successive approximation mode, which can be used to
measure absolute voltage. In this case, the SAR module controls the EADC and EADC-DAC to determine
the absolute voltage.
The EADC module is shown in Figure 4-1. It contains a differential switch capacitor amplifier. This enables
remote sense voltage measurements, using the external EAP and EAN pins. The output of this stage is
fed into a second differential amplifier with a reference driven by an internal 10-bit DAC. The gain of this
stage is controlled by the AFE register. AFE can have values of 0, 1, 2 or 3 which correspond to an
analog gain of 1, 2, 4 or 8 respectively. The EADC has a maximum sense voltage value of 248 mV and a
minimum sense value of -256 mV with 8 mV resolution. The analog AFE gain stage effectively makes this
resolution programmable to be 8mV, 4 mV, 2 mV or 1 mV. Finally, the EADC output is shifted by 0. 1. 2 or
3 times; this is done to attenuate the digital signal by 1, 2, 4 or 8 times. Both the analog gain value and
the digital gain values are determined from the AFE gain setting. Therefore, the total gain of this stage
always remains the same and the resolution is always 1 mv/bit.
In addition, the user has the option of enabling an automatic resolution selection algorithm ("gear shifter").
This algorithm will automatically select the finest EADC resolution that can measure the voltage across
EAP0 and EAN0. This feature is only available on Front End 0.
26
Functional Overview
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): UCD3138



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com