Electronic Components Datasheet Search
  English  ▼

X  

SMBTA13 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # SMBTA13
Description  NPN Silicon Darlington Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SMBTA13 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  SMBTA13 Datasheet HTML 1Page - Siemens Semiconductor Group SMBTA13 Datasheet HTML 2Page - Siemens Semiconductor Group SMBTA13 Datasheet HTML 3Page - Siemens Semiconductor Group SMBTA13 Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Semiconductor Group
2
SMBTA 13
SMBTA 14
Electrical Characteristics
at TA = 25 ˚C, unless otherwise specified.
–
DC current gain
IC = 10 mA, VCE = 5 V1)
SMBTA 13
SMBTA 14
IC = 100 mA, VCE = 5 V1)
SMBTA 13
SMBTA 14
hFE
5000
10000
10000
20000
–
–
–
–
–
–
–
–
V
Collector-emitter breakdown voltage
IC = 10
µA
V(BR)CE0
30
–
–
nA
Collector-base cutoff current
VCB = 30 V
ICB0
–
–
100
Unit
Values
Parameter
Symbol
min.
typ.
max.
DC characteristics
Emitter-base breakdown voltage
IE = 10
µA
V(BR)EB0
10
–
–
V
Collector-emitter saturation voltage1)
IC = 100 mA, IB = 0.1 mA
VCEsat
–
–
1.5
MHz
Transition frequency
IC = 50 mA, VCE = 5 V, f = 20 MHz
fT
125
–
–
AC characteristics
Collector-base breakdown voltage
IC = 10
µA
V(BR)CB0
30
–
–
Emitter-base cutoff current
VEB = 10 V
IEB0
–
–
100
Base-emitter saturation voltage1)
IC = 100 mA, IB = 0.1 mA
VBEsat
––2
1)
Pulse test conditions: t
≤ 300 µs, D = 2 %.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com