Electronic Components Datasheet Search
  English  ▼

X  

FX0458/2 Datasheet(PDF) 13 Page - Elektron Components Ltd.

Part # FX0458/2
Description  FUSEHOLDERS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGIN [Elektron Components Ltd.]
Direct Link  http://www.bulgin.co.uk
Logo BULGIN - Elektron Components Ltd.

FX0458/2 Datasheet(HTML) 13 Page - Elektron Components Ltd.

Back Button FX0458/2 Datasheet HTML 9Page - Elektron Components Ltd. FX0458/2 Datasheet HTML 10Page - Elektron Components Ltd. FX0458/2 Datasheet HTML 11Page - Elektron Components Ltd. FX0458/2 Datasheet HTML 12Page - Elektron Components Ltd. FX0458/2 Datasheet HTML 13Page - Elektron Components Ltd. FX0458/2 Datasheet HTML 14Page - Elektron Components Ltd. FX0458/2 Datasheet HTML 15Page - Elektron Components Ltd. FX0458/2 Datasheet HTML 16Page - Elektron Components Ltd. FX0458/2 Datasheet HTML 17Page - Elektron Components Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
www.elektron-bulgin.com
159
FUSEHOLDERS
Specification
FX0442
FX0443
Fuse Size:
5 x 20mm
5 x 20mm
Fuse Carrier:
Bayonet cap/Screwdriver release
Bayonet cap/Hand release
Terminations:
PC Spills
PC Spills
Max. Rating:
10A, 250V
10A, 250V
Max. Power Dissipation:
2.5W (@ Ta 23ºC)
2.5W (@ Ta 23ºC)
Insulation Resistance:
>10M
Ω @ 500V d.c.
>10M
Ω @ 500V d.c.
A.C. Breakdown:
>2kV
>2kV
Contact Resistance:
<10m
Ω
<10m
Ω
Operating Temp:
–20˚C to +85˚C
–20˚C to +85˚C
(ambient air temp +
fuse temp rise)
Mouldings:
Body:
Polyester UL94V-0 rated
Polyester UL94V-0 rated
Cap:
Nylon UL94V-0 rated
Nylon UL94V-0 rated
Contacts:
Tin plated, copper alloy
Tin plated, copper alloy
Approvals:
Compliant
Compliant
PC Mounting PC2
FX0442
Protection Category PC2
Fuse Size 5 x 20mm
Bayonet cap/Screwdriver
Release
PC Spills
10A, 250V
PC VERTICAL MOUNT
FX0443
Protection Category PC2
Fuse Size 5 x 20mm
Bayonet cap/Hand Release
PC Spills
10A, 250V
PC VERTICAL MOUNT
FuseHolSection - 2010:FuseHolSection - 2005_iss2
8/6/10
17:02
Page 159



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com