Electronic Components Datasheet Search
  English  ▼

X  

MP0037 Datasheet(PDF) 3 Page - Elektron Components Ltd.

Part # MP0037
Description  Switches
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGIN [Elektron Components Ltd.]
Direct Link  http://www.bulgin.co.uk
Logo BULGIN - Elektron Components Ltd.

MP0037 Datasheet(HTML) 3 Page - Elektron Components Ltd.

  MP0037 Datasheet HTML 1Page - Elektron Components Ltd. MP0037 Datasheet HTML 2Page - Elektron Components Ltd. MP0037 Datasheet HTML 3Page - Elektron Components Ltd. MP0037 Datasheet HTML 4Page - Elektron Components Ltd. MP0037 Datasheet HTML 5Page - Elektron Components Ltd. MP0037 Datasheet HTML 6Page - Elektron Components Ltd. MP0037 Datasheet HTML 7Page - Elektron Components Ltd. MP0037 Datasheet HTML 8Page - Elektron Components Ltd. MP0037 Datasheet HTML 9Page - Elektron Components Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
www.elektron-bulgin.com
175
SWITCHES
MP0031
Sealed to IP66
MP0034
MP0037
Sealed to IP68
Specification
MP0037
MP0031
MP0034
Terminations:
Screw Terminals
Solder Tags
Solder Tags
Switching:
S.P. Push to make
S.P.C.O. Momentary Action
S.P.C.O. Momentary Action
Momentary action
(Microswitch)
(Microswitch)
Max. Rating:
1A, 50Vac/dc
5A, 250Vac
5A, 250Vac
2A, 28Vdc
2A, 28Vdc
Contact Resistance:
<10m
Ω
<10m
Ω
<10m
Ω
Insulation Resistance:
>105 M
Ω
>103 M
Ω.
>103 M
Ω
Dielectric Strength:
>1.0kVac
>2.0kVac
>2.0kVac
Operating Temp. Range:
–20˚C to +70˚C
–20˚C to +70˚C
–20˚C to +70˚C
Sealing (Front of panel only): Protection Classification: IP68 EN60529
Protection Classification: IP66 EN60529
1992 (Terminals not sealed)
1992 (Micro switch not sealed)
Operations
Mechanical:
1,000,000 (min)
1,000,000 (min)
250,000 (min)
Electrical:
30,000 (min)
35,000 (min)
35,000 (min)
Operating Pressure:
7.5N (typ)
4.7N (typ)
2.7N (typ)
Rear Nut Fixing Torque:
0.57Nm
0.57Nm
-
Materials
Mouldings:
Glass Filled Nylon
Glass Filled Nylon
Glass Filled Nylon
Tags/Terminations:
Brass, Silver Plated
Brass, Tin Plated
Brass, Tin Plated
Switch Body & Button:
Stainless Steel
Stainless Steel
Stainless Steel
Contacts:
Brass, Silver Plated, Silver
Fine Silver
Fine Silver
Thread size:
0.747" x 26TPI
0.747" x 26TPI
-
Compliant
Compliant
Compliant
Front Panel Sealed to IP68
21.5mm diameter
S.P. Push to Make
1A, 50Vac/dc
Industry Standard Size
Front Panel Sealed to IP66
21.5mm diameter
S.P.C.O. Microswitch
5A, 250Vac
Rear Panel Mounting
Flush with Panel
19mm diameter
S.PC.O. Microswitch
5A, 250Vac
Stainless Steel Low Profile Vandal Resistant - Momentary
FRONT PANEL MOUNTING
FRONT PANEL MOUNTING
REAR PANEL MOUNTING
RoHS
SwitchesSection - 2010:SwitchesSection_v2 - 2005
8/6/10
17:15
Page 175



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com