Electronic Components Datasheet Search
  English  ▼

X  

MPL031 Datasheet(PDF) 1 Page - Elektron Components Ltd.

Part # MPL031
Description  Switches
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGIN [Elektron Components Ltd.]
Direct Link  http://www.bulgin.co.uk
Logo BULGIN - Elektron Components Ltd.

MPL031 Datasheet(HTML) 1 Page - Elektron Components Ltd.

  MPL031 Datasheet HTML 1Page - Elektron Components Ltd. MPL031 Datasheet HTML 2Page - Elektron Components Ltd. MPL031 Datasheet HTML 3Page - Elektron Components Ltd. MPL031 Datasheet HTML 4Page - Elektron Components Ltd. MPL031 Datasheet HTML 5Page - Elektron Components Ltd. MPL031 Datasheet HTML 6Page - Elektron Components Ltd. MPL031 Datasheet HTML 7Page - Elektron Components Ltd. MPL031 Datasheet HTML 8Page - Elektron Components Ltd. MPL031 Datasheet HTML 9Page - Elektron Components Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
www.elektron-bulgin.com
173
SWITCHES
Type
Page
Low Profile Vandal Resistant
MP0025
174
MP0027
174
MP0038
174
MP0031
175
MP0034
175
MP0037
175
Low Profile Vandal Resistant - Latching
MPL025
176
MPL027
176
MPL038
176
MPL031
177
MPL034
177
Low Profile Vandal Resistant - Double Pole
MPD0031
178
Illuminated Vandal Resistant
MPI001
179
MPI002
180
MPI001, MPI002 through panel sealed
181
Brass Chrome Plated Vandal Resistant
MPB038
182
MPB031
182
MPB037
182
Low Profile Vandal Resistant - Large Diameter
MP0050
183
MP0050/2
183
Type
Page
Domed Vandal Resistant
MP0027/3
184
MP0038/3
184
MP0025/3
184
MP0037/3
185
MP0031/3
185
MP0034/3
185
Prominent Vandal Resistant
MP0027/2
186
MP0038/2
186
MP0025/2
186
MP0037/2
187
MP0031/2
187
MP0034/2
187
Push Button
MP0013
188
MP0033
188
MP0013/2
188
MP0033/2
188
Stainless Steel - 16mm
MP0042
189
MP0045
190-193
Push Button
MP0012
194
MP0016
194
MP0022
195
Voltage Selectors
VS0001
196
VS0002
196
Switches
Manufactured from Stainless Steel, Bulgin’s extensive range of vandal
resistant security switches are designed with a high resistance to wear
and tear, corrosion and harsh use in potentially hostile environments
such as access control applications.
The front and rear panel mounted versions have three profiles –
prominent, domed and low profile – with a choice of switching and IP66
& IP68 front panel sealing which combined together to meet the
ergonomic, electrical and environmental demands of switch panel
design. And where the ultimate strength of steel is not needed, there is a
brass, chrome plated alternative. The low profile style switches are now
also available with a latching, push on - push off, action.
The illuminated versions are available in dot and ring LED indication and
a variety of illumination colours including bi-colour LED’s. Newer
versions also feature LED illumination driven by 6V, 12V & 24V together
with rear of panel sealing, these options will add that extra dimension to
control panel layouts and functionality.
The standard range of vandal resistant switches are complemented by a
range of 16mm stainless steel switches of robust construction designed
for use in applications where space is at a premium.
SwitchesSection - 2010:SwitchesSection_v2 - 2005
8/6/10
17:15
Page 173


Similar Part No. - MPL031

ManufacturerPart #DatasheetDescription
logo
Elektron Components Ltd...
MPL031 BULGIN-MPL031 Datasheet
76Kb / 1P
Stainless Steel Low Profile Vandal Resistant - Latching
More results

Similar Description - MPL031

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KM211 ETC-KM211 Datasheet
48Kb / 2P
Threshold switches
logo
E-SWITCH
KO103C-701 E-SWITCH-KO103C-701 Datasheet
69Kb / 1P
KEYLOCK SWITCHES
KO103D-701 E-SWITCH-KO103D-701 Datasheet
33Kb / 1P
KEYLOCK SWITCHES
KO113A-10001 E-SWITCH-KO113A-10001 Datasheet
59Kb / 1P
KEYLOCK SWITCHES
logo
Honeywell Accelerometer...
BZ-2RQ-A2 HONEYWELL-ACC-BZ-2RQ-A2 Datasheet
515Kb / 9P
Manual Switches Sealed Toggle Switches
BZ-2RW822244-A2 HONEYWELL-ACC-BZ-2RW822244-A2 Datasheet
520Kb / 9P
Manual Switches Sealed Toggle Switches
CSNX25 HONEYWELL-ACC-CSNX25 Datasheet
515Kb / 9P
Manual Switches Sealed Toggle Switches
HIH-4010-001 HONEYWELL-ACC-HIH-4010-001 Datasheet
515Kb / 9P
Manual Switches Sealed Toggle Switches
HPX030GD HONEYWELL-ACC-HPX030GD Datasheet
515Kb / 9P
Manual Switches Sealed Toggle Switches
logo
Honeywell Solid State E...
AML53-T20BB HONEYWELL-AML53-T20BB Datasheet
553Kb / 4P
Manual Switches Covers for Paddle Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com