Electronic Components Datasheet Search
  English  ▼

X  

PXD301 Datasheet(PDF) 1 Page - Elektron Components Ltd.

Part # PXD301
Description  IEC DISTRIBUTION UNITS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGIN [Elektron Components Ltd.]
Direct Link  http://www.bulgin.co.uk
Logo BULGIN - Elektron Components Ltd.

PXD301 Datasheet(HTML) 1 Page - Elektron Components Ltd.

  PXD301 Datasheet HTML 1Page - Elektron Components Ltd. PXD301 Datasheet HTML 2Page - Elektron Components Ltd. PXD301 Datasheet HTML 3Page - Elektron Components Ltd. PXD301 Datasheet HTML 4Page - Elektron Components Ltd. PXD301 Datasheet HTML 5Page - Elektron Components Ltd. PXD301 Datasheet HTML 6Page - Elektron Components Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
www.elektron-bulgin.com
99
IEC DISTRIBUTION UNITS
IEC
Distribution
Units
Housed in tough ABS boxes and panels these IEC & EN60320
Distribution Units have combinations of four, five or six outlets together
with neon indicator, fuse and switch options. The three sizes are available
in various combinations and, other than the compact version, all have
shuttered outlets. The larger enclosed versions are also available with EMI
filtering.
Type
Page
IEC Distribution Box/Panel
PXD301
5 Way Rectangular
100
PXD100
5 Way Rectangular
100
PXD303
5 Way Rectangular
100
PXD306
5 Way Rectangular
100
PXD301/xxx/07/1
5 Way Rectangular
101
PXD301/xxx/08/1
5 Way Rectangular
101
PXD303/xxx/07/1
5 Way Rectangular
101
PXD303/xxx/08/1
5 Way Rectangular
101
PXD200
4 Way Rectangular
102
PXD201
4 Way Rectangular
102
PXD701
6 Way Square
103
PXD500
6 Way Square
103
PXD703
6 Way Square
103
PXD706
6 Way Square
103
Conns7 - Dist Units- 2010:Conns7 - Dist Units- 2005
8/6/10
16:49
Page 99


Similar Part No. - PXD301

ManufacturerPart #DatasheetDescription
logo
Elektron Components Ltd...
PXD301/050/01/1 BULGIN-PXD301/050/01/1 Datasheet
158Kb / 2P
IEC Rectangular Distribution Units
PXD301/050/07/1 BULGIN-PXD301/050/07/1 Datasheet
158Kb / 2P
IEC Rectangular Distribution Units
PXD301/050/08/1 BULGIN-PXD301/050/08/1 Datasheet
158Kb / 2P
IEC Rectangular Distribution Units
PXD301/550/01/1 BULGIN-PXD301/550/01/1 Datasheet
158Kb / 2P
IEC Rectangular Distribution Units
PXD301/550/07/1 BULGIN-PXD301/550/07/1 Datasheet
158Kb / 2P
IEC Rectangular Distribution Units
More results

Similar Description - PXD301

ManufacturerPart #DatasheetDescription
logo
NIHON DEMPA KOGYO
NX2016AB NDK-NX2016AB Datasheet
91Kb / 1P
Crystal Units
logo
PREMO CORPORATION S.L
P-1240-004 PREMO-P-1240-004 Datasheet
138Kb / 1P
IEC & Wallplug Impedance Matching Units
logo
Schurter Inc.
4748 SCHURTER-4748 Datasheet
261Kb / 2P
Distribution Unit with Power Cord and 4 IEC Appliance Outlets F
logo
Elektron Components Ltd...
PXD100 BULGIN-PXD100 Datasheet
158Kb / 2P
IEC Rectangular Distribution Units
PXD200 BULGIN-PXD200 Datasheet
80Kb / 1P
IEC Rectangular Distribution Units
PXD500 BULGIN-PXD500 Datasheet
120Kb / 1P
IEC Square Distribution Units
logo
Schurter Inc.
4748 SCHURTER-4748_18 Datasheet
287Kb / 3P
Distribution Unit with Power Cord and 4 IEC Appliance Outlets F
logo
PANDUIT CORP.
P08D09M PANDUIT-P08D09M Datasheet
2Mb / 9P
SmartZone??G5 Intelligent Power Distribution Units (iPDUs)
logo
Schurter Inc.
4748 SCHURTER-4748_21 Datasheet
297Kb / 3P
Distribution Unit with Power Cord and 4 IEC Appliance Outlets F
4748 SCHURTER-4748_V01 Datasheet
297Kb / 3P
Distribution Unit with Power Cord and 4 IEC Appliance Outlets F
5.01.2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com