Electronic Components Datasheet Search
  English  ▼

X  

PX0410/02S/3035 Datasheet(PDF) 1 Page - Elektron Components Ltd.

Part # PX0410/02S/3035
Description  400 Series Buccaneer짰
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGIN [Elektron Components Ltd.]
Direct Link  http://www.bulgin.co.uk
Logo BULGIN - Elektron Components Ltd.

PX0410/02S/3035 Datasheet(HTML) 1 Page - Elektron Components Ltd.

  PX0410/02S/3035 Datasheet HTML 1Page - Elektron Components Ltd. PX0410/02S/3035 Datasheet HTML 2Page - Elektron Components Ltd. PX0410/02S/3035 Datasheet HTML 3Page - Elektron Components Ltd. PX0410/02S/3035 Datasheet HTML 4Page - Elektron Components Ltd. PX0410/02S/3035 Datasheet HTML 5Page - Elektron Components Ltd. PX0410/02S/3035 Datasheet HTML 6Page - Elektron Components Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
www.elektron-bulgin.com
39
BUCCANEER FOR POWER
Sealed to IP68 when mated
IP68 rating tested at 1.054kg/sq cm (15lb/sq in) 10m
depth for 2 weeks
2 and 3 pole - 8A, 250V rating
4, 6 and 8 pole - 5A, 125V rating
10 and 12 pole - 1A, 50V rating
2.5mm contact engagement for electrical integrity
‘Scoop proof’ contacts
Contact inserts are part of body moulding
Cable range from 3 to 7mm
Overall length (flex + flex in-line) 80mm
Gold plated contacts
Diameter over coupling ring 19.1mm
Pre-wired, overmoulded cable assemblies
Flex, Flex In-Line, Front Panel, Rear Panel and
PCB mounting body styles
Plug and Socket versions in all body styles
Flame Retardant moulding material - Polyamide
UL94-V0
Contacts supplied separately (except PCB versions)
Sealing caps available to maintain IP68 rating
Secure sealing system
Crimp and solder contacts
PCB mounting connector supplied with contacts
pre-loaded
Front and rear panel mounting panel connectors
UL, CSA and VDE approvals
400 Series Buccaneer®
Contact
Retainer
Contacts
Sealing Gasket
O Ring
O Ring
Contacts
Contact Carrier
Locking Ring
Main Body
Gland Nut
Cable Gland
Collet
Panel Body
Retaining
Nut
IP68
Conns4 - Buccaneer 2010 - Power:Conns4 - Buccaneer 2005v8
8/6/10
16:34
Page 39


Similar Part No. - PX0410/02S/3035

ManufacturerPart #DatasheetDescription
logo
Bulgin Limited. All rig...
PX0410/02S/3035 BULGINLIMITED-PX0410/02S/3035 Datasheet
348Kb / 6P
400 Series Buccaneer
More results

Similar Description - PX0410/02S/3035

ManufacturerPart #DatasheetDescription
logo
Elektron Components Ltd...
PX0415 BULGIN-PX0415 Datasheet
209Kb / 3P
SMB Buccaneer짰
PX0417 BULGIN-PX0417 Datasheet
327Kb / 4P
FireWire Buccaneer짰
PX0836 BULGIN-PX0836 Datasheet
458Kb / 6P
Ethernet Buccaneer짰
PX0840 BULGIN-PX0840 Datasheet
552Kb / 6P
USB Buccaneer짰
PX0911 BULGIN-PX0911 Datasheet
451Kb / 6P
900 Series Buccaneer짰
SA3159 BULGIN-SA3159 Datasheet
343Kb / 4P
Mini Buccaneer짰
logo
List of Unclassifed Man...
SA3319 ETC2-SA3319 Datasheet
585Kb / 20P
Buccaneer짰 Connectors
logo
MicroPower Direct, LLC
MPU-400S MPD-MPU-400S Datasheet
411Kb / 2P
MPU-400 Series
logo
List of Unclassifed Man...
SA3350 ETC2-SA3350 Datasheet
1Mb / 6P
400 Series Buccaneer
logo
II-VI Marlow, Inc.
CT-400 VIMARLOW-CT-400 Datasheet
322Kb / 2P
Climatherm 400 Series
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com