Electronic Components Datasheet Search
  English  ▼

X  

SN7002 Datasheet(PDF) 5 Page - Siemens Semiconductor Group

Part # SN7002
Description  SIPMOS Small-Signal Transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SN7002 Datasheet(HTML) 5 Page - Siemens Semiconductor Group

  SN7002 Datasheet HTML 1Page - Siemens Semiconductor Group SN7002 Datasheet HTML 2Page - Siemens Semiconductor Group SN7002 Datasheet HTML 3Page - Siemens Semiconductor Group SN7002 Datasheet HTML 4Page - Siemens Semiconductor Group SN7002 Datasheet HTML 5Page - Siemens Semiconductor Group SN7002 Datasheet HTML 6Page - Siemens Semiconductor Group SN7002 Datasheet HTML 7Page - Siemens Semiconductor Group SN7002 Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Semiconductor Group
5
Sep-13-1996
SN 7002
Power dissipation
Ptot = ƒ(TA)
0
20
40
60
80
100
120
°C
160
T
A
0.00
0.04
0.08
0.12
0.16
0.20
0.24
0.28
0.32
W
0.40
P
tot
Drain current
ID = ƒ(TA)
parameter:
VGS ≥ 10 V
0
20
40
60
80
100
120
°C
160
T
A
0.00
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
A
0.20
I
D
Safe operating area
ID=f(VDS)
parameter :
D = 0.01, TC=25°C
Drain-source breakdown voltage
V
(BR)DSS = ƒ(Tj)
-60
-20
20
60
100
°C
160
T
j
54
56
58
60
62
64
66
68
V
71
V
(BR)DSS



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com