| Electronic Components Datasheet Search |
|
ELM327 Datasheet(PDF) 51 Page - ELM Electronics |
|
|
|||||||||||||||||||||||||||||
ELM327 Datasheet(HTML) 51 Page - ELM Electronics |
|
51 / 76 page ![]() 51 of 76 ELM327DSH Elm Electronics – Circuits for the Hobbyist www.elmelectronics.com ELM327 Monitor for PGN 00FECA (which is the code for DM1): >AT MP 00FECA Note that the ELM327 requires that you send hex digits for all data, as shown above (and as used by all other protocols). Many of the PGN numbers are listed in the J1939 standard as both a decimal and a hex number, so choose the hex version. You will likely find in your testing that the PGNs you encounter often begin with a 00 byte as above. To simplify matters for you, the ELM327 has a special version of the MP command that will accept a four digit PGN, and assumes that the missing byte should be 00. An equivalent way to ask for 00FECA is then: >AT MP FECA which is a little more convenient. One new feature of the ELM327 v1.4b is the ability to tell the IC how many messages to retrieve when monitoring for PGNs. For example, to see only two responses to the MP FECA command, send: >AT MP FECA 2 This saves having to send a character to stop the flow of data, and also is very convenient when dealing with multiline messages. While the standard OBD requests allow you to define how many frames (ie lines) of information are to be printed with a similar single digit, the single digit with the MP command actually defines how many complete messages to obtain. For example, if the DM1 message is 33 lines long, then sending AT MP FECA 1 will cause the ELM327 to show all 33 lines, then stop monitoring and print a prompt character. By default, all J1939 messages have the ‘header’ information hidden from view. In order to see this information (actually the ID bits), you will need to turn the header display on: >AT H1 A single response to FECA might then look like: >AT MP FECA 1 6 0FECA 00 00 FF 00 00 00 00 FF FF Notice that the ELM327 separates the priority bits from the PGN information. The ELM327 also uses only one digit to represent the two extra PGN bits, both of which may seem unusual if you are used to different software. We find this a convenient way to show the actual J1939 information in the header. If you prefer to see the ID bits separated into bytes instead, simply turn off the J1939 header formatting with: >AT JHF0 Repeating the above request would then result in a response of this type: >AT MP FECA 1 18 FE CA 00 00 FF 00 00 00 00 FF FF The differences are clearly seen. If displaying the information in this manner, remember that the first ‘byte’ shown actually represents five bits, and of them, the leftmost three are the priority bits. The MP command is very useful for getting information in a J1939 system, but not all information is broadcast. Some information must be obtained by making a query for it. Just like the other OBD requests where you specify the information that you need (with a mode and a PID), to make a query in a J1939 system, you provide the PGN number and the system responds with the required data. For example, to request the current value of the engine coolant temperature (which is part of PGN 00FEEE), you would send a request for PGN 00FEEE, and extract the data. To do this, send: >00FEEE to which you might receive: 6 0FEEE 00 8C FF FF FF FF FF FF FF if the headers were on. Note that if you request a PGN that is already being broadcast, you may very well receive many replies, as the ELM327 configures itself to receive anything that is related to the PGN requested. If you are familiar with the J1939 standard, you will be aware that it actually specifies a reverse order for the sending of the data bytes of a PGN request. That is, the data bytes for the above request are actually sent as EE FE 00, and not as 00 FE EE. Since it can be very confusing to have to reverse some numbers and not others, the ELM327 automatically handles this for you, reversing the bytes provided. In this way, you can directly request PGNs using numbers as they are Using J1939 (continued) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |