Electronic Components Datasheet Search
  English  ▼

X  

ELM401 Datasheet(PDF) 2 Page - ELM Electronics

Part # ELM401
Description  Rotary Encoder Debounce Circuit
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM401 Datasheet(HTML) 2 Page - ELM Electronics

  ELM401 Datasheet HTML 1Page - ELM Electronics ELM401 Datasheet HTML 2Page - ELM Electronics ELM401 Datasheet HTML 3Page - ELM Electronics ELM401 Datasheet HTML 4Page - ELM Electronics ELM401 Datasheet HTML 5Page - ELM Electronics ELM401 Datasheet HTML 6Page - ELM Electronics ELM401 Datasheet HTML 7Page - ELM Electronics ELM401 Datasheet HTML 8Page - ELM Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ELM401
Elm Electronics – Circuits for the Hobbyist
www.elmelectronics.com
Pin Descriptions
2 of 8
All rights reserved. Copyright 2011 Elm Electronics.
Every effort is made to verify the accuracy of information provided in this document, but no representation or warranty can be
given and no liability assumed by Elm Electronics with respect to the accuracy and/or use of any products or information
described in this document. Elm Electronics will not be responsible for any patent infringements arising from the use of these
products or information, and does not authorize or warrant the use of any Elm Electronics product in life support devices and/or
systems. Elm Electronics reserves the right to make changes to the device(s) described in this document in order to improve
reliability, function, or design.
VDD (pin 1)
This pin is the positive supply pin, and should always
be the most positive point in the circuit. Internal
circuitry connected to this pin is used to provide
power on reset of the internal logic, so an external
reset signal is not required. Refer to the Electrical
Characteristics section for more information.
A (pin 2)
This input is usually connected to what is normally
known as the ‘A’ signal from a rotary (quadrature)
encoder. An external pullup resistor is required for
the encoder (a typical value is 10 K
Ω), but no
external capacitors are needed (as the internal
debounce circuitry provides the filtering).
B (pin 3)
This input is usually connected to what is normally
known as the ‘B’ signal from a rotary (quadrature)
encoder. An external pullup resistor is required for
the encoder (a typical value is 10 K
Ω), but no
external capacitors are needed (as the internal
debounce circuitry provides the filtering).
Sw (pin 4)
This input may be used to debounce any standard
mechanical contact (from a switch or relay). The
circuitry uses simple set/reset logic to control a timer,
so is not suitable for use with the A or B signal from
a rotary encoder (as those signals continue to
generate sliding noise while the contact is closed).
Sw out (pin 5)
This output is the debounced representation of the
signal that is at pin 4.
B out (pin 6)
This output is the debounced representation of the
signal that is at pin 3.
A out (pin 7)
This output is the debounced representation of the
signal that is at pin 2.
VSS (pin 8)
Circuit common is connected to this pin. This is the
most negative point in the circuit.
ELM401DSB



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com