Electronic Components Datasheet Search
  English  ▼

X  

ELM403 Datasheet(PDF) 2 Page - ELM Electronics

Part # ELM403
Description  Rotary Decoder - 2 wire 4x Interface
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM403 Datasheet(HTML) 2 Page - ELM Electronics

  ELM403 Datasheet HTML 1Page - ELM Electronics ELM403 Datasheet HTML 2Page - ELM Electronics ELM403 Datasheet HTML 3Page - ELM Electronics ELM403 Datasheet HTML 4Page - ELM Electronics ELM403 Datasheet HTML 5Page - ELM Electronics ELM403 Datasheet HTML 6Page - ELM Electronics ELM403 Datasheet HTML 7Page - ELM Electronics ELM403 Datasheet HTML 8Page - ELM Electronics ELM403 Datasheet HTML 9Page - ELM Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
ELM403
Elm Electronics – Circuits for the Hobbyist
www.elmelectronics.com
Pin Descriptions
2 of 9
All rights reserved. Copyright 2011 Elm Electronics.
Every effort is made to verify the accuracy of information provided in this document, but no representation or warranty can be
given and no liability assumed by Elm Electronics with respect to the accuracy and/or use of any products or information
described in this document. Elm Electronics will not be responsible for any patent infringements arising from the use of these
products or information, and does not authorize or warrant the use of any Elm Electronics product in life support devices and/or
systems. Elm Electronics reserves the right to make changes to the device(s) described in this document in order to improve
reliability, function, or design.
VDD (pin 1)
This pin is the positive supply pin, and should always
be the most positive point in the circuit. Internal
circuitry connected to this pin is used to provide
power on reset of the internal logic, so an external
reset signal is not required. Refer to the Electrical
Characteristics section for more information.
A (pin 2)
This input should be connected to what is normally
known as the ‘A’ signal from a rotary (quadrature)
encoder. The signal at this pin should lead (ie
change state before) the signal at pin 3 when the
device is being moved in a clockwise or up direction.
An external pullup resistor is required for the encoder
(a typical value is 10 K
Ω), but no external capacitors
are needed (as the internal debounce circuitry
provides the filtering).
B (pin 3)
This input should be connected to what is normally
known as the ‘B’ signal from a rotary (quadrature)
encoder. The signal at this pin should lag behind (ie
change state after) the signal at pin 2 when the
device is being moved in a clockwise or up direction.
An external pullup resistor is required for the encoder
(a typical value is 10 K
Ω), but no external capacitors
are needed (as the internal debounce circuitry
provides the filtering).
Pulse Width (pin 4)
This input controls the width of the pulses which
appear at pins 6 and 7. If the input is high, the pulse
width will be 2.0 msec, while a low input sets the
pulse width to 0.2 msec. This input can be changed
at any time.
Output Invert (pin 5)
This input can be used to invert the output signals at
pins 6 and 7. If pin 5 is at a low level, the outputs will
maintain a low quiescent level, with the pulses going
to the VDD level. If pin 5 is set to a high level, the
outputs will normally be at a high level, with pulses
going low (to Vss). This input can be changed at any
time.
Down (pin 6) and Up (pin 7)
These two outputs pulse as the rotary encoder
moves. For a clockwise movement (the A input
appears first, followed by the B), pulses will appear
at the Up output, and the B output will remain at a
constant level. For counter-clockwise movement, the
Down output will pulse, and the Up output will remain
at a constant level. See the Output Waveforms
section (page 7) for a pictorial view of these outputs.
VSS (pin 8)
Circuit common is connected to this pin. This is the
most negative point in the circuit.
ELM403DSA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com