Electronic Components Datasheet Search
  English  ▼

X  

ELM404 Datasheet(PDF) 1 Page - ELM Electronics

Part # ELM404
Description  Rotary Decoder - 3 wire 2x Interface
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM404 Datasheet(HTML) 1 Page - ELM Electronics

  ELM404 Datasheet HTML 1Page - ELM Electronics ELM404 Datasheet HTML 2Page - ELM Electronics ELM404 Datasheet HTML 3Page - ELM Electronics ELM404 Datasheet HTML 4Page - ELM Electronics ELM404 Datasheet HTML 5Page - ELM Electronics ELM404 Datasheet HTML 6Page - ELM Electronics ELM404 Datasheet HTML 7Page - ELM Electronics ELM404 Datasheet HTML 8Page - ELM Electronics ELM404 Datasheet HTML 9Page - ELM Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
ELM404
Elm Electronics – Circuits for the Hobbyist
www.elmelectronics.com
Connection Diagram
PDIP and SOIC
(top view)
VDD
VSS
1
2
3
4
8
7
6
5
Rotary Decoder - 3 wire 2x Interface
The ELM404 is an 8 pin integrated circuit that is
used to convert the output from a rotary encoder into
three signals (chip select, clock and up/down) that
can be used to control various devices. The low
power CMOS technology used ensures that only a
very small current is required over the entire 2.0 to
5.5 volt operating range.
There is no need for external filtering or
debounce circuits with the ELM404, as this is all
performed
within
the
integrated
circuit.
After
debouncing
the
encoder
signals,
the
ELM404
determines the direction of shaft rotation, and then
generates the appropriate outputs. The polarity of
the clock output can be changed at any time to
accommodate different needs.
The ELM404 provides 2x decoding of a rotary
encoder signal. If your application requires 4x
decoding, please see the ELM405 (it is identical to
the ELM404 in every respect, except that it provides
4x decoding).
Clk
A
B
Description
• Digital audio potentiometer controls
• Variable voltage or temperature circuits
• Positioning controls
• Tuning circuits
Applications
Block Diagram
1 of 9
• Low power CMOS design
• Wide supply range – 2.0 to 5.5 volts
• Complete debouncing of the encoder inputs
• No external filtering needed
• 2x decoding
• Startup delay timer
• High current drive outputs
Features
ELM404DSA
CS
U/D
Clk
Invert
B
7
A
Debounce
Circuit
2
CS
5
VDD
Direction
Decoding
4
Clk
Invert
VDD
Output
Logic
3
U/D
Rotary
Encoder
Debounce
Circuit
6
Clk


Similar Part No. - ELM404

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM401 ELM-ELM401 Datasheet
51Kb / 8P
Rotary Encoder Debounce Circuit
ELM401P ELM-ELM401P Datasheet
51Kb / 8P
Rotary Encoder Debounce Circuit
ELM401SM ELM-ELM401SM Datasheet
51Kb / 8P
Rotary Encoder Debounce Circuit
ELM402 ELM-ELM402 Datasheet
59Kb / 9P
Rotary Decoder - 2 wire 2x Interface
ELM402P ELM-ELM402P Datasheet
59Kb / 9P
Rotary Decoder - 2 wire 2x Interface
More results

Similar Description - ELM404

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM8530B NPC-SM8530B Datasheet
410Kb / 9P
Standard Bus Interface Decoder
logo
STMicroelectronics
STV1602A STMICROELECTRONICS-STV1602A Datasheet
289Kb / 22P
SERIAL INTERFACE TRANSMISSION DECODER
Dec-1992
logo
ELM Electronics
ELM402 ELM-ELM402 Datasheet
59Kb / 9P
Rotary Decoder - 2 wire 2x Interface
ELM403 ELM-ELM403 Datasheet
60Kb / 9P
Rotary Decoder - 2 wire 4x Interface
ELM405 ELM-ELM405 Datasheet
61Kb / 10P
Rotary Decoder - 3 wire 4x Interface
ELM406 ELM-ELM406 Datasheet
58Kb / 9P
Rotary Decoder - 3 wire 2x Interface
ELM407 ELM-ELM407 Datasheet
61Kb / 10P
Rotary Decoder - 3 wire 4x Interface
ELM408 ELM-ELM408 Datasheet
63Kb / 10P
Rotary Decoder - 2 wire Interface
logo
Maxim Integrated Produc...
MAX5393EVMINIQU MAXIM-MAX5393EVMINIQU Datasheet
1Mb / 13P
PC USB to 3-Wire Interface or Stand-Alone 3-Wire Serial-Interface Operation
Rev 0; 1/10
MAX5391LEVMINIQU MAXIM-MAX5391LEVMINIQU Datasheet
1Mb / 13P
PC-USB to 3-Wire Interface or Stand-Alone 3-Wire Serial-Interface Operation
Rev 0; 12/09
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com