Electronic Components Datasheet Search
  English  ▼

X  

ELM405 Datasheet(PDF) 7 Page - ELM Electronics

Part # ELM405
Description  Rotary Decoder - 3 wire 4x Interface
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM405 Datasheet(HTML) 7 Page - ELM Electronics

Back Button ELM405 Datasheet HTML 2Page - ELM Electronics ELM405 Datasheet HTML 3Page - ELM Electronics ELM405 Datasheet HTML 4Page - ELM Electronics ELM405 Datasheet HTML 5Page - ELM Electronics ELM405 Datasheet HTML 6Page - ELM Electronics ELM405 Datasheet HTML 7Page - ELM Electronics ELM405 Datasheet HTML 8Page - ELM Electronics ELM405 Datasheet HTML 9Page - ELM Electronics ELM405 Datasheet HTML 10Page - ELM Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7 of 10
ELM405DSA
Elm Electronics – Circuits for the Hobbyist
www.elmelectronics.com
ELM405
Output Waveforms
Once the ELM405 has some bounce-free signals
to work with, it can generate outputs based on them.
The logic to decode the motion of an encoder
shaft is not as simple as it would first appear. Some
authorities recommend simply monitoring an input and
when it changes, provide an output based on the level
of the other input. This does not always work, as the
encoder can output multiple signals from only the ‘A’ or
or only the ‘B’ contact if the shaft is moved ever so
slightly when at the detent or at the mid-point position
(between detents). Simply seeing one input change is
not sufficient to say that there is any significant shaft
rotation.
The ELM405 monitors both ‘A’ and ‘B’ transitions,
and determines the outputs based on the sequence in
which the transitions have occurred. This is a better
way to guarantee that the output signals are generated
properly. The internal logic also performs some self-
checking, and monitors for problems such as an output
pulse being initiated before the previous one had
completed, which might occur for some very fast
inputs (the second one will be ignored in this case).
The output of the ELM405 is a series of pulses, as
shown in Figure 4 (representative pulses are enlarged
and shown in Figures 5 and 6). When the encoder is
moving in a clockwise direction, the pulses will be
generated with the U/D output at a high level, while a
counter-clockwise rotation of the shaft results in pulses
generated with the U/D output at a low level. The
direction assumes that the encoder is a standard one,
where the ‘A’ signal leads the ‘B’ for a clockwise
rotation.
Outputs are usually generated each time that one
of the inputs change, so for each full cycle of both of
the inputs, there will be 4 output pulses. This is what is
known as 4x decoding. The other type of decoder that
Figure 4. Output signals (pin 4 = 0V)
CS
Clk
U/D
200 µsec
Figure 5. Up or Clockwise Output
CS
Clk
U/D
200 µsec
Figure 6. Down or Counter-clockwise Output
A Input
B Input
debounce
delay
direction changes
Clk
CS
U/D



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com