Electronic Components Datasheet Search
  English  ▼

X  

SPL2F85 Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part # SPL2F85
Description  Laser Diode in TO-220 Package with FC-connector 0.75 W cw Class 4 Laser Product
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SPL2F85 Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  SPL2F85 Datasheet HTML 1Page - Siemens Semiconductor Group SPL2F85 Datasheet HTML 2Page - Siemens Semiconductor Group SPL2F85 Datasheet HTML 3Page - Siemens Semiconductor Group SPL2F85 Datasheet HTML 4Page - Siemens Semiconductor Group SPL2F85 Datasheet HTML 5Page - Siemens Semiconductor Group SPL2F85 Datasheet HTML 6Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SPL 2Fxx
(SFH 4874x6)
Semiconductor Group
4
Notes for Operation
1.
Eye Protection
This laser is a Class 4 Laser product.
Refer to the relevant safety regulations for protection during handling and operation.
2.
Overload Protection
The specified values are valid as long as the diode has not been not overloaded. Voltage
spikes from the power supply unit, even when applied for nanoseconds only, may cause irre-
versible damage to the laser diode. Such spikes may occur when the power supply is turned
on or off, or they may reach the laser diode from the line via the coupling capacitance of
electronically controlled devices.
The power supply should therefore be provided with appropriate protection circuits.
Handling Notes
1.
Package
To avoid electrostatic damage it is recommended to observe the same rules as for handling
MOS-devices.
2.
Mechanical Attachment
2.1 Mounting hole (suitable for M 2.5)
Because of the good thermal conductivity of the TO 220 base plate (copper) the heat
loss is properly dissipated even if the component is attached on one side only. Some
mounting techniques are shown below (Fig. 1 – 3).
2.2 For exact positioning of the TO component and other parts, e.g. lenses, the TO 220
package can be attached with appropriate clamping devices or screws (max. M 2.5).
3.
Soldering
When soldering the TO base to a heat sink, do not exceed the following limits:
•
max. soldering temperature:
125 °C
•
max. soldering time:
1 min.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com