Electronic Components Datasheet Search
  English  ▼

X  

SPL2F94 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # SPL2F94
Description  Laser Diode in TO-220 Package with FC-connector 0.75 W cw Class 4 Laser Product
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SPL2F94 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  SPL2F94 Datasheet HTML 1Page - Siemens Semiconductor Group SPL2F94 Datasheet HTML 2Page - Siemens Semiconductor Group SPL2F94 Datasheet HTML 3Page - Siemens Semiconductor Group SPL2F94 Datasheet HTML 4Page - Siemens Semiconductor Group SPL2F94 Datasheet HTML 5Page - Siemens Semiconductor Group SPL2F94 Datasheet HTML 6Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SPL 2Fxx
(SFH 4874x6)
Semiconductor Group
2
Diode Characteristics
(T
A = 25 °C)
Parameter
Symbol
Values
Unit
min.
typ.
max.
Emission wavelength
1)
λ
peak
803
840
935
808
850
940
813
860
945
nm
Spectral width (FWHM)
1)
∆λ
2nm
Output power
2)
P
opt
0.75
W
Differential efficiency
2)
808 nm
850 nm
940 nm
η
0.60
0.60
0.55
0.70
0.70
0.60
0.85
0.80
0.70
W/A
Threshold current
808 nm
850 nm
940 nm
I
th
0.40
0.30
0.30
0.45
0.40
0.35
0.55
0.50
0.40
A
Operating current
1)
808 nm
850 nm
940 nm
I
op
1.3
1.3
1.4
1.5
1.5
1.6
1.8
1.8
1.8
A
Operating voltage
1)
V
op
2.0
V
Differential series resistance
r
s
0.2
0.4
Ω
Characteristic temperature (threshold)
3)
T
0
150
K
Temperature coefficient of current
∂I
op/ ∂T
0.5
%/K
Temperature coefficient of wavelength
4)
∂λ / ∂T
0.25
0.27
0.30
nm/K
Thermal resistance (junction
→ heat sink)
R
th JA
10
K/W
1) Standard operating conditions refer to 0.75 W after 5 m of fiber (core
∅ 125 µm, 0.35 NA, attn. 8 db/km)
2) Optical power measurements refer to output from fiber
3) Model for the thermal behavior of threshold current: I
th(T2) = Ith(T1) × exp(T2 – T1)/T0
4) Depending on emission wavelength
NTC Thermistor
Parameter
Symbol Typ. Values
Unit
Resistance at room temperature (25 °C)
R
NTC
10
k
Ω



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com