Electronic Components Datasheet Search
  English  ▼

X  

SPLPL90 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # SPLPL90
Description  Pulsed Laser Diode in Plastic Package 10 W Peak Class 3 Laser Product
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SPLPL90 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  SPLPL90 Datasheet HTML 1Page - Siemens Semiconductor Group SPLPL90 Datasheet HTML 2Page - Siemens Semiconductor Group SPLPL90 Datasheet HTML 3Page - Siemens Semiconductor Group SPLPL90 Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Semiconductor Group
1
02.97
Pulsed Laser Diode in Plastic Package
SPL PLxx
10 W Peak (Class 3 Laser Product)
(SFH 4884xx)
Preliminary
Features
•
Low cost plastic package
•
Reliable strained InGaAs/GaAs material
•
High power large-optical-cavity structure
•
Single emitting area 200
µm × 2 µm
Applications
•
Range finding
•
Security, surveillance
•
Illumination, ignition
•
Testing and measurement
Type
Old Type
(as of Oct. 1996)
Wavelength
*)
Ordering Code
SPL PL85
SPL PL90
SFH 488425
–
850 nm
904 nm
Q62702-P1759
on request
*) Other wavelengths in the range of 780 nm ... 980 nm are available on request.
Maximum Ratings
(T
A = 25 °C)
Parameter
Symbol
Values
Unit
min.
typ.
max.
Forward current
I
F
––20
A
Pulse width (FWHM)
t
p
–
–
100
ns
Duty factor
D
–
0.1
–
%
Reverse voltage
V
R
––3
V
Operating temperature
T
op
– 20
…
+ 85
°C
Storage temperature
T
stg
– 40
…
+ 100
°C
Soldering temperature
(t
m,ax = 5 s, 2 mm from bottom edge of case)
T
s
–
–
260
°C


Similar Part No. - SPLPL90

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SPLPL90 OSRAM-SPLPL90 Datasheet
237Kb / 6P
Impuls-Laserdiode im Plastikgeh짰se 25 W Spitzenleistung Pulsed Laser Diode in Plastic Package 25 W Peak PowerLead (Pb) Free Product - RoHS Compliant
SPLPL90 OSRAM-SPLPL90 Datasheet
201Kb / 6P
Pulsed Laser Diode in Plastic Package 25 W Peak Power
SPLPL90AT03 OSRAM-SPLPL90AT03 Datasheet
1Mb / 13P
Radial T1 3/4 Pulsed Laser Diode in Plastic Package 75 W Peak Power
Version 1.0 2023-04-12
SPLPL90 OSRAM-SPLPL90_0 Datasheet
215Kb / 6P
Pulsed Laser Diode in Plastic Package 4 W Peak Power
SPLPL90 OSRAM-SPLPL90_15 Datasheet
201Kb / 6P
Pulsed Laser Diode in Plastic Package 25 W Peak Power
More results

Similar Description - SPLPL90

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SPL2FXX SIEMENS-SPL2FXX Datasheet
122Kb / 6P
Laser Diode in TO-220 Package with FC-connector 0.75 W cw Class 4 Laser Product
SPL2YXX SIEMENS-SPL2YXX Datasheet
115Kb / 6P
Laser Diode in TO-220 Package 1.0 W cw Class 4 Laser Product
logo
OSRAM GmbH
SPLPL90 OSRAM-SPLPL90 Datasheet
237Kb / 6P
Impuls-Laserdiode im Plastikgeh짰se 25 W Spitzenleistung Pulsed Laser Diode in Plastic Package 25 W Peak PowerLead (Pb) Free Product - RoHS Compliant
SPLPL85 OSRAM-SPLPL85 Datasheet
216Kb / 6P
Pulsed Laser Diode in Plastic Package 10 W Peak Power
SPLPL90 OSRAM-SPLPL90_3 Datasheet
218Kb / 6P
Nanostack Pulsed Laser Diode in Plastic Package 75 W Peak Power
SPLPL90 OSRAM-SPLPL90_0 Datasheet
215Kb / 6P
Pulsed Laser Diode in Plastic Package 4 W Peak Power
SPLAH90 OSRAM-SPLAH90_3 Datasheet
277Kb / 8P
Nanostack Pulsed Laser Diode Array 75 W Peak Power
SPLPL90_3 OSRAM-SPLPL90_3_15 Datasheet
202Kb / 6P
Nanostack Pulsed Laser Diode in Plastic Package 75 W Peak Power
SPLPL90 OSRAM-SPLPL90_15 Datasheet
201Kb / 6P
Pulsed Laser Diode in Plastic Package 25 W Peak Power
SPL-PL90 OSRAM-SPL-PL90 Datasheet
201Kb / 6P
Pulsed Laser Diode in Plastic Package 25 W Peak Power
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com