Electronic Components Datasheet Search
  English  ▼

X  

SPLCG98 Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part # SPLCG98
Description  Laser Diode on Submount 1.0 W cw Class 4 Laser Product
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SPLCG98 Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  SPLCG98 Datasheet HTML 1Page - Siemens Semiconductor Group SPLCG98 Datasheet HTML 2Page - Siemens Semiconductor Group SPLCG98 Datasheet HTML 3Page - Siemens Semiconductor Group SPLCG98 Datasheet HTML 4Page - Siemens Semiconductor Group SPLCG98 Datasheet HTML 5Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SPL CGxx
(SFH 4804x2)
Semiconductor Group
4
Notes for Operation
1.
Eye Protection
This laser is a Class 4 Laser product.
Refer to the relevant safety regulations for protection during handling and operation.
2.
Overload Protection
The specified values are valid as long as the diode has not been not overloaded. Voltage
spikes from the power supply unit, even when applied for nanoseconds only, may cause
irreversible damage to the laser diode. Such spikes may occur when the power supply is
turned on or off, or they may reach the laser diode from the line via the coupling capacitance
of electronically controlled devices.
The power supply should therefore be provided with appropriate protection circuits.
Handling Notes
1.
Package
To avoid electrostatic damages it is recommended to observe the same rules as for handling
MOS-devices.
2.
Mounting
When soldering, gluing or clamping, do not exceed the following limits:
•
max. soldering temperature:
140 °C
•
max. soldering time:
10 s
•
max. curing temperature for adhesives:
100 °C
Any deformation of the heat sink by clamping must be avoided.
3.
Electrical Connection
The cathode may be bonded by spot-welding, clamping or soldering.
In all these cases ESD-guidelines must be followed.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com