Electronic Components Datasheet Search
  English  ▼

X  

SRD00514X Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # SRD00514X
Description  Ge-Avalanche Photodiode with Pigtail
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SRD00514X Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  SRD00514X Datasheet HTML 1Page - Siemens Semiconductor Group SRD00514X Datasheet HTML 2Page - Siemens Semiconductor Group SRD00514X Datasheet HTML 3Page - Siemens Semiconductor Group SRD00514X Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Semiconductor Group
1
02.95
Ge-Avalanche Photodiode with Pigtail
SRD 00514X
SRD 00515X
• Designed for application in fiber-optic communication
systems
• Sensitive receiver for the 2nd optical window (1300 nm)
• High gain-bandwidth product
• Suitable for bit rates up to 1.2 Gbit/s and long-haul
transmission
• Planar structure
• Small radiant sensitive area
• Low multiplied dark current
• High spectral sensitivity by built-in optics
• Hermetically sealed 3-pin metal case
• With optimally coupled multimode-fiber pigtail
Type
Ordering Code
Connector/Flange
SRD 00514H
Q62702-Pxxxx
Pigtail, FC/PC-connector
SRD 00515H
Q62702-Pxxxx
Pigtail with flange,
FC/PC-connector
Component with other connector types on request.
Maximum Ratings
Parameter
Symbol
Values
Unit
Forward current
IF
50
mA
Reverse voltage
VR
*
V
Operating and storage temperature
TA Tstg
− 40 … + 85
°C
Max. radiant power into the opt. port
(
VR = 5 V)
Φport
1
mW
Soldering time (wave / dip soldering), distance
between solder point and baseplate
(
≥ 2 mm, 260 °C)
ts
10
s
* Individual value of
VBR is delivered with each component.


Similar Part No. - SRD00514X

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SRD00512Z SIEMENS-SRD00512Z Datasheet
75Kb / 4P
Ge-Avalanche Photodiode in TO Package with Integrated Optics
More results

Similar Description - SRD00514X

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SRD00512Z SIEMENS-SRD00512Z Datasheet
75Kb / 4P
Ge-Avalanche Photodiode in TO Package with Integrated Optics
SRD00534X SIEMENS-SRD00534X Datasheet
112Kb / 5P
Ge-Avalanche Photodiode with Pigtail, Central Pin
logo
Eudyna Devices Inc
FPD5W1KX EUDYNA-FPD5W1KX Datasheet
184Kb / 6P
Avalanche Photodiode
logo
Optoway Technology Inc
APD-1300 OPTOWAY-APD-1300 Datasheet
82Kb / 2P
InGaAs Avalanche PHOTODIODE with 50/125 um Fiber Pigtail
APD-1310 OPTOWAY-APD-1310 Datasheet
82Kb / 2P
InGaAs Avalanche PHOTODIODE with Single-Mode Pigtail
APD-1350 OPTOWAY-APD-1350 Datasheet
74Kb / 2P
Mini-Size InGaAs Avalanche PHOTODIODE with Single-Mode Pigtail
logo
Roithner LaserTechnik G...
SSO-AD-230-TO52I ROITHNER-SSO-AD-230-TO52I Datasheet
54Kb / 2P
Avalanche Photodiode
SSO-AD-230-TO52-S1 ROITHNER-SSO-AD-230-TO52-S1 Datasheet
134Kb / 2P
Avalanche Photodiode
SSO-AD-500-TO52 ROITHNER-SSO-AD-500-TO52 Datasheet
51Kb / 2P
Avalanche Photodiode
SSO-AD-500-TO52NF ROITHNER-SSO-AD-500-TO52NF Datasheet
54Kb / 2P
Avalanche Photodiode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com