Electronic Components Datasheet Search
  English  ▼

X  

LTC4062 Datasheet(PDF) 13 Page - Linear Integrated Systems

Part # LTC4062
Description  Standalone 250mA Li-Ion Battery Charger in 2 횞 2 DFN
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LTC4062 Datasheet(HTML) 13 Page - Linear Integrated Systems

Back Button LTC4062 Datasheet HTML 9Page - Linear Integrated Systems LTC4062 Datasheet HTML 10Page - Linear Integrated Systems LTC4062 Datasheet HTML 11Page - Linear Integrated Systems LTC4062 Datasheet HTML 12Page - Linear Integrated Systems LTC4062 Datasheet HTML 13Page - Linear Integrated Systems LTC4062 Datasheet HTML 14Page - Linear Integrated Systems LTC4062 Datasheet HTML 15Page - Linear Integrated Systems LTC4062 Datasheet HTML 16Page - Linear Integrated Systems LTC4062 Datasheet HTML 17Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
LTC4065L/
LTC4065LX/LTC4065L-4.1
13
4065lfb
Undervoltage Charge Current Limiting (UVCL)
The LTC4065L includes undervoltage charge (ΔVUVCL1)
current limiting that prevents full charge current until the
input supply voltage reaches approximately 200mV above
the battery voltage. This feature is particularly useful if the
LTC4065L is powered from a supply with long leads (or
any relatively high output impedance).
For example, USB-powered systems tend to have highly
variable source impedances (due primarily to cable quality
and length). A transient load combined with such imped-
ance can easily trip the UVLO threshold and turn the
charger off unless undervoltage charge current limiting
is implemented.
Consider a situation where the LTC4065L is operating
under normal conditions and the input supply voltage
begins to droop (e.g., an external load drags the input
supply down). If the input voltage reaches VBAT + ΔVUVCL1
(approximately 220mV above the battery voltage), un-
dervoltage charge current limiting will begin to reduce
the charge current in an attempt to maintain ΔVUVCL1
between the VCC input and the BAT output of the IC. The
LTC4065L will continue to operate at the reduced charge
current until the input supply voltage is increased or volt-
age mode reduces the charge current further.
APPLICATIONS INFORMATION
USB and Wall Adapter Power
Although the LTC4065L allows charging from a USB port,
a wall adapter can also be used to charge Li-Ion batteries.
Figure 3 shows an example of how to combine wall adapter
and USB power inputs. A P-channel MOSFET, MP1, is
used to prevent back conducting into the USB port when a
wall adapter is present and Schottky diode, D1, is used to
prevent USB power loss through the 1k pull-down resistor.
Stability Considerations
The LTC4065L contains two control loops: constant-voltage
and constant-current. The constant-voltage loop is stable
without any compensation when a battery is connected
with low impedance leads. Excessive lead length, however,
may add enough series inductance to require a bypass
capacitor of at least 1μF from BAT to GND. Furthermore,
a 4.7μF capacitor with a 0.2Ω to 1Ω series resistor from
BAT to GND is required to keep ripple voltage low when
the battery is disconnected.
High value capacitors with very low ESR (especially ce-
ramic) may reduce the constant-voltage loop phase margin.
Ceramic capacitors up to 22μF may be used in parallel
with a battery, but larger ceramics should be decoupled
with 0.2Ω to 1Ω of series resistance.
VCC
MP1
1k
800
Ω
3
IBAT
4
6
Li-Ion
BATTERY
SYSTEM
LOAD
4065L F03
LTC4065L
BAT
USB
POWER
5V WALL
ADAPTER
PROG
+
D1
Figure 3. Combining Wall Adapter and USB Power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com